Electronic Components Datasheet Search
  English  ▼

X  

MP4051GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4051GS
Description  Non-isolated Solution Offline LED Controller with Active PFC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4051GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4051GS Datasheet HTML 7Page - Monolithic Power Systems MP4051GS Datasheet HTML 8Page - Monolithic Power Systems MP4051GS Datasheet HTML 9Page - Monolithic Power Systems MP4051GS Datasheet HTML 10Page - Monolithic Power Systems MP4051GS Datasheet HTML 11Page - Monolithic Power Systems MP4051GS Datasheet HTML 12Page - Monolithic Power Systems MP4051GS Datasheet HTML 13Page - Monolithic Power Systems MP4051GS Datasheet HTML 14Page - Monolithic Power Systems MP4051GS Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP4051—NON-ISOLATED OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4051 Rev. 1.01
www.MonolithicPower.com
11
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Power Factor Correction
The MULT pin is connected to the tap of the
resistor divider from the rectified instantaneous
line voltage and fed as one input of the Multiplier.
The output of the multiplier will be shaped as
sinusoid too. This signal provides the reference
for the current comparator and comparing with
the inductor current which sets the inductor peak
current shaped as sinusoid with the input line
voltage. High power factor can be achieved.
Inductor current
Multiplier output
Figure 4—Power Factor Correction Scheme
The maximum voltage of the multiplier output to
the current comparator is clamped to 2.5V to get
a cycle-by-cycle current limitation.
VCC Under-voltage Lockout
When the VCC voltage drops below UVLO
threshold 9V, the MP4051 stops switching and
totally shuts down, the VCC will restart charging
by the external start up resistor from AC line.
Figure 5 shows the typical waveform of VCC
under-voltage lockout
13.6V
9V
Vcc
Gate
Switching Pulses
And Regulates the VCC
Auxiliary Winding Takes Charge
Protection happens
Figure 5—VCC Under-Voltage Lockout
Auto Starter
The MP4051 integrates an auto starter, the
starter starts timing when the MOSFET is turned
off, if ZCD fails to send out another turn on signal
after 130µs, the starter will automatically send
out the turn on signal which can avoid the IC
unnecessary shut down by ZCD missing
detection.
Minimum Off Time
The MP4051 operates with variable switching
frequency, the frequency is changing with the
input instantaneous line voltage. To limit the
maximum frequency and get a good EMI
performance, MP4051 employs an internal
minimum off time limiter—3.5µs, show as Figure
6.
ZCD
GATE
3.5us
Figure 6—Minimum Off Time
Leading Edge Blanking
In order to avoid the premature termination of the
switching pulse due to the spike at MOSFET
turning on, an internal leading edge blanking
(LEB) unit is employed between the CS Pin and
the current comparator input. During the blanking
time, the path, CS Pin to the current comparator
input, is blocked. Figure 7 shows the leading
edge blanking.
tLEB =280 ns
VCS
t
Figure 7—Leading Edge Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com