Electronic Components Datasheet Search
  English  ▼

X  

MP4056 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP4056
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP4056 Datasheet HTML 15Page - Monolithic Power Systems MP4056 Datasheet HTML 16Page - Monolithic Power Systems MP4056 Datasheet HTML 17Page - Monolithic Power Systems MP4056 Datasheet HTML 18Page - Monolithic Power Systems MP4056 Datasheet HTML 19Page - Monolithic Power Systems MP4056 Datasheet HTML 20Page - Monolithic Power Systems MP4056 Datasheet HTML 21Page - Monolithic Power Systems MP4056 Datasheet HTML 22Page - Monolithic Power Systems MP4056 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
19
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Thermal Shutdown
To prevent IC from thermal damage, the MP4056
latches off the switching cycle when the junction
temperature is higher than 150°C. When the
VCC drops below UVLO, it restarts again.
Adaptive Dimmer Type Detection
The MP4056 integrates adaptive dimmer type
detection to accurately detect which kind of
dimmer is connected at the system start-up,
leading edge dimmer, trailing edge dimmer or no
dimmer. The MP4056 works in different modes
depending on these dimmer types to achieve the
best
dimmer
compatibility
at
the
highest
performance.
Phase-Cut-Based Dimming Control
The
MP4056
implements
phase-cut-based
dimming control (both for leading edge and
trailing edge dimmers). For
leading edge
dimmers, most of them are TRIAC-based. The
TRIAC dimmer usually consists of a bi-directional
SCR and an adjustable turn on phase. Figure 10
shows
the
leading-edge
TRIAC
dimmer
waveforms.
Line voltage
after TRIAC
dimmer
Input line
voltage before
TRIAC dimmer
Rectified line
voltage
Dimmer
turn on
phase
Line cycle
Figure 10: Leading Edge Dimmer Waveforms
For trailing edge dimmers, the waveforms are
shown in Figure 11.
Dimmer turn
on Phase
Line Cycle
Input line
voltage
before TRIAC
dimmer
Input line
voltage after
TRIAC
dimmer
Rectified
line voltage
Figure 11: Trailing Edge Dimmer Waveforms
MP4056 detects the dimming turn-on cycle
through the MULT pin. Based on the turn-on
cycle, the control circuitry adjusts the internal
reference voltage.
MULT
voltage exceeding
VMULT_ON is recognized as a dimmer turn-on signal,
MULT voltage below VMULT_OFF is recognized as a
dimmer turn-off signal. MP4056 has a 30% line-
cycle-detection blanking time at each line cycle.
The real phase detector output adds this blanking
time to determine the reference voltage, if it is
higher than 100%, the reference voltage is
clamped to 100%, as shown in Figure 12. This
means if the turn-on cycle exceeds 70% of the
line cycle, the reference maintains the maximum
current value, which keeps the maximum output
current with different dimmers is almost the same
with the rated output current.
MULT
Comparator
Output
30% line cycle
blanking
Turn on cycle
detector output
VMULT_ON
VMULT_OFF
Figure 12: Dimming Turn-On Cycle Detector
When the turn-on cycle decreases to less than
70%, the internal reference voltage decreases,
lowers the output current. As the dimming turn-on
cycle
decreases,
the
COMP
voltage
also
decreases. For leading edge dimmers, once the
COMP voltage reaches VCOMPL_LD, it is clamped.
The output current decreases slowly to maintain
the TRIAC holding current and avoid random
flicker. Figure 13 shows the relationship between
the leading edge dimming turn-on phase and
output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com