Electronic Components Datasheet Search
  English  ▼

X  

MP4056GK Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4056GK
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056GK Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4056GK Datasheet HTML 12Page - Monolithic Power Systems MP4056GK Datasheet HTML 13Page - Monolithic Power Systems MP4056GK Datasheet HTML 14Page - Monolithic Power Systems MP4056GK Datasheet HTML 15Page - Monolithic Power Systems MP4056GK Datasheet HTML 16Page - Monolithic Power Systems MP4056GK Datasheet HTML 17Page - Monolithic Power Systems MP4056GK Datasheet HTML 18Page - Monolithic Power Systems MP4056GK Datasheet HTML 19Page - Monolithic Power Systems MP4056GK Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
16
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP4056 is a non-isolated TRIAC and PWM
dimmable, offline LED controller designed for
high-performance LED lighting. The adaptive
dimmer type detection and phase-cut-based
dimming control bring good dimmer compatibility
and deep dimming range.
It achieves a high
power factor to eliminate noise pollution on the
AC line. The integrated VCC charging circuit
achieves fast start-up without any perceptible
delay. The programmable thermal current fold
back function prolongs the life time of the LED.
Because duty ratio varies inversely to the
dimming
cycle,
it
easily
supports
color
temperature and brightness control for warm
sunset dimming applications. The MP4056 also
supports analog dimming with PWM input.
Boundary-Conduction Mode
During the external MOSFET on time (tON), the
rectified input voltage (VBUS) is applied to the
inductor (Lm), and the inductor current (ILm)
increases linearly from zero to the peak value
(Ipk). Then the external MOSFET turns off. The
energy stored in Lm forces the rectifier diode to
turn on, and the inductor current decreases
linearly from the peak value to zero. When the
current decreases to zero, the voltage drop on
the main MOSFET drain-to-source falls and
oscillates.
The
oscillation
frequency
is
determined by the inductor and the combined
parasitic
capacitances.
The
resonance
is
reflected on the auxiliary winding (see Figure 2).
V
DS
V
BUS+ VOUT
V
BUS
I
pk
toff
t
on
t urn-on
V
ZCD
0
ILm
I
Lm
Figure 2: Boundary-Conduction Mode
+
Vcc
ZCD
Auxiliary Winding
RZCD1
VZCD_T
RZCD2
Figure 3: Zero-Current Detector
The zero-current detector generates the external
MOSFET turn-on signal when the ZCD voltage
falls below VZCD_T after a blanking time tZCD_LEB
and ensures the MOSFET turns on at a relatively
low voltage (see Figure 3).
As a result, there are relatively small switching on
losses and no diode reverse-recovery losses.
This ensures high efficiency and low EMI noise
Real-Current Control
The
proprietary
real-current
–control
method
allows the MP4056 to control the output LED
current based on the inductor current information.
The approximate output LED mean current can
be calculated as:
REF
o
s
V
I
2R
Where:
 V
REF
is
the
internal
reference
voltage
(typically 0.414), and
 R
s is the sense resistor between the internal
MOSFET source and GND.
Power-Factor Correction
The MULT pin is connected to the tap of a
resistor divider from the rectified instantaneous
line voltage, driving a sinusoidal multiplier output.
This signal provides the reference for the current
comparator, which shapes the primary-peak
current into a sinusoid and has the same phase
with the input line voltage. This guarantees a
high power factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com