Electronic Components Datasheet Search
  English  ▼

X  

MP5402M Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP5402M
Description  5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5402M Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP5402M Datasheet HTML 9Page - Monolithic Power Systems MP5402M Datasheet HTML 10Page - Monolithic Power Systems MP5402M Datasheet HTML 11Page - Monolithic Power Systems MP5402M Datasheet HTML 12Page - Monolithic Power Systems MP5402M Datasheet HTML 13Page - Monolithic Power Systems MP5402M Datasheet HTML 14Page - Monolithic Power Systems MP5402M Datasheet HTML 15Page - Monolithic Power Systems MP5402M Datasheet HTML 16Page - Monolithic Power Systems MP5402M Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MP5402M – STEP-DOWN CONVERTER WITH SMART DUAL USB CHARGING PORTS
MP5402M Rev.1.0
www.MonolithicPower.com
16
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
U
S
B
D-
D+
U
S
B
D-
D+
USB1, 2.4A
Float
USB2, 2.4A
R1
300kΩ
C5
10μF
C1B
10μF
C3
220nF
C1A
10μF
+
+
C1
100μF
C4
100nF
L1
22μH
C2A
1μF
C2
270μF
20mΩ ESR
C6
10μF
VIN
12V
Float
C1C
10μF
L2
2.2μH
4,14
8
20
7
19
9,10,26
3,15,25
1,2
24
23
16,17
21
22
Figure 6: USB1 = 5V/2.4A, USB2 = 5V/2.4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com