Electronic Components Datasheet Search
  English  ▼

X  

MP5403 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP5403
Description  Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP5403 Datasheet HTML 14Page - Monolithic Power Systems MP5403 Datasheet HTML 15Page - Monolithic Power Systems MP5403 Datasheet HTML 16Page - Monolithic Power Systems MP5403 Datasheet HTML 17Page - Monolithic Power Systems MP5403 Datasheet HTML 18Page - Monolithic Power Systems MP5403 Datasheet HTML 19Page - Monolithic Power Systems MP5403 Datasheet HTML 20Page - Monolithic Power Systems MP5403 Datasheet HTML 21Page - Monolithic Power Systems MP5403 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP5403
– CONFIGURABLE 2.7V-6V MINI PMIC WITH DUAL 2.5A/3.5A BUCK,
ONE LOAD SWITCH, AND INPUT POWER SUPERVISORY
MP5403 Rev. 1.0
www.MonolithicPower.com
18
9/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Power Failure Indicator (PFL)
The power failure indicator (PFL) senses the
external voltage rails. When the input voltage is
below the programmed threshold, the PFL
open-drain output is pulled low immediately to
indicate the monitored power failure. This
function is enabled by pulling any of the EN
pins (EN1, EN2, or EN3) high and disabled by
pulling all of the EN pins low. For example, if all
EN pins are low, PFL is zero, even if VIN is
above the UVLO threshold and PFL_ADJ is
higher than 0.6V. Ensure that there is at least
one EN pin that is high before using it to control
the other pins.
PFL_ADJ is used to adjust the power failure
threshold voltage. A resistor divider is used to
monitor the voltage rail. When the PFL_ADJ
voltage is lower than 0.6V, PFL is pulled down
to indicate the sense power failure. When the
PFL_ADJ voltage is higher than the 0.6V
reference voltage, PFL is pulled high with the
delay, which is set by CDELAY.
Choose CDELAY using Equation (1):
s
μ
5
.
3
+
)
A
μ
(
I
62
.
0
×
)
pF
(
C
=
)
s
μ
(
T
DELAY
DELAY
DELAY
(1)
Where TDELAY is the PFL delay time, and IDELAY
is the CDELAY internal current source (typically
3.1µA).
Current Limit
The MP5403 has a high-side 5.6A current limit
for the first regulator and a 4.7A current limit for
the second regulator. When the high-side
switch reaches the current limit threshold, the
regulators shut down the high-side switch and
force the low-side switch on until the low-side
current drops to the low-side valley current
threshold (5A and 4A for the two regulators).
After the low-side current reaches the valley
current
threshold,
the
high-side
switch
is
allowed to turn on again. If the high load current
persists, the high side turns on again, and the
current limit mechanism repeats until the output
voltage drops to the short-circuit threshold. If
the high-load current does not persist, then the
regulator runs back to normal condition.
For the load switch, the current limit begins
working when the load switch current reaches
the current limit threshold. The gate is pulled
low to regulate the load switch current to the
current limit. The output voltage drops until
thermal shutdown occurs.
Short Circuit and Recovery
When CH1 or CH2 is in buck mode, the
MP5403 enters short-circuit protection (SCP)
mode when the inductor current reaches the
current limit for 300µs continuously or the
output
voltage
drops
below
50%
of
the
regulation voltage. In SCP mode, the MP5403
disables the output power stage, discharges the
soft-start
capacitor,
and
enters
latch-off
protection mode. The MP5403 restarts by
recycling the power.
Parallel Capability
By connecting SW1 and SW2 together and
connecting PG1 and PG2 together, the two
step-down regulators can run in parallel mode
to increase the output power capability. In this
mode, only FB1 is used to program the output
voltage. Keep FB2 floating.
Load-Switch Mode of Buck1/2
By pulling FB1 or FB2 to ground, the step-down
regulator 1 or 2 can enter load-switch mode
without having to install an inductor. The
MP5403 pulses a smaller current to the FB pins
before the system starts up. If a low impedance
is connected to the FB pins, the MP5403 enters
load-switch mode, where the high-side switch is
turned on gradually to achieve a soft start, and
short-circuit protection is equipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com