Electronic Components Datasheet Search
  English  ▼

X  

MP5455 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5455
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5455 Datasheet HTML 5Page - Monolithic Power Systems MP5455 Datasheet HTML 6Page - Monolithic Power Systems MP5455 Datasheet HTML 7Page - Monolithic Power Systems MP5455 Datasheet HTML 8Page - Monolithic Power Systems MP5455 Datasheet HTML 9Page - Monolithic Power Systems MP5455 Datasheet HTML 10Page - Monolithic Power Systems MP5455 Datasheet HTML 11Page - Monolithic Power Systems MP5455 Datasheet HTML 12Page - Monolithic Power Systems MP5455 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS
MP5455 Rev. 1.01
www.MonolithicPower.com
9
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
DVDT
Slew rate control pin for VB during start-up. Leave DVDT floating for the default
soft-start time (around 0.9ms from 0V to 5V).
2
NC
Factory use only. Leave NC floating.
3
ILIM
Input current limit setting. Do not leave ILIM floating.
4
VIN MON
Factory use only. Leave VIN MON floating or pull VIN MON up to VB.
5
VSMON
Factory use only. Leave VSMON floating or pull VSMON up to VB.
6
EN
On/off control pin for the MP5455. When EN is pulled low, all functions of the
MP5455 are disabled (for both the input current limiter and the charge/release
circuitry). Ensure that the EN voltage is high during release.
7
ENCH
On/off control pin for the charge/release circuitry. When ENCH is pulled down, the
release circuitry is disabled. Note that ENCH must be kept high to achieve energy
release.
8
PGND
Power ground.
9
SW
Switching node for the charge/release circuitry. Connect a small inductor between
SW and VBO.
10
STRG
Storage voltage. Connect the appropriate storage capacitors for the energy storage
and release operation.
11
BST
Bootstrap pin for the charge/release circuitry. The internal bi-directional switcher
requires a bootstrap capacitor (100nF) from BST to SW to supply the high-side switch
driver voltage during release.
12
CST
High-side switch driving voltage storage. The MP5455 supports energy, even when
the storage voltage is close to the VB-regulated voltage.
13
NC
No connection.
14
AGND
IC signal ground.
15
FBB
Bus voltage feedback sense. FBB sets the bus release voltage.
16
FBS
Storage voltage feedback sense. FBS sets the storage voltage.
17
ICH
Boost mode current limit adjustment. Do not pull ICH to VCC or an external voltage
source.
18
VBO
Internal boost. VBO is the input voltage after passing through the input isolation
MOSFET.
19
VB
Internal bus voltage. Place a 22μF to 47μF ceramic capacitor as close to VB as
possible.
20
VIN
Input supply voltage. The MP5455 operates from an unregulated 2.7V to 7V input.
Place a ceramic capacitor 0.1µF or larger as close to VIN as possible. A TVS diode at
the input is necessary if the VIN spike is high. Refer to the Selecting the Input
Capacitor and TVS section on page 12 for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com