Electronic Components Datasheet Search
  English  ▼

X  

MP8758H Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8758H
Description  High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758H Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8758H Datasheet HTML 1Page - Monolithic Power Systems MP8758H Datasheet HTML 2Page - Monolithic Power Systems MP8758H Datasheet HTML 3Page - Monolithic Power Systems MP8758H Datasheet HTML 4Page - Monolithic Power Systems MP8758H Datasheet HTML 5Page - Monolithic Power Systems MP8758H Datasheet HTML 6Page - Monolithic Power Systems MP8758H Datasheet HTML 7Page - Monolithic Power Systems MP8758H Datasheet HTML 8Page - Monolithic Power Systems MP8758H Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MP8758H–22V, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758H Rev.1.0
www.MonolithicPower.com
3
10/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................................... 24V
VSW...............................................-0.3V to 24.3V
VSW (30ns)..........................................-3V to 28V
VSW (5ns)............................................-6V to 28V
VBST ................................................... VSW + 5.5V
VEN ............................................................... 12V
Enable current (IEN)
(2)............................... 2.5mA
All other pins ................................-0.3V to +5.5V
Continuous power dissipation (TA=+25°C)
(3)
QFN-21 (3mmx4mm). ................................ 2.5W
Junction temperature ................................150
°C
Lead temperature .....................................260
°C
Storage temperature................ -65
°C to +150°C
Recommended Operating Conditions
(4)
Supply voltage (VIN) .........................4.5V to 22V
Output voltage (VOUT)..........................................
0.604V to VINxDMAX or 5.5V
Enable current (IEN)..................................... 1mA
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN-21 (3mmx4mm) ..............50 ...... 12 ...
°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) For details on EN’s ABS MAX rating, please refer to the “EN
Control section on page 14.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) =
(TJ(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com