Electronic Components Datasheet Search
  English  ▼

X  

MP8759GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8759GD
Description  26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8759GD Datasheet HTML 11Page - Monolithic Power Systems MP8759GD Datasheet HTML 12Page - Monolithic Power Systems MP8759GD Datasheet HTML 13Page - Monolithic Power Systems MP8759GD Datasheet HTML 14Page - Monolithic Power Systems MP8759GD Datasheet HTML 15Page - Monolithic Power Systems MP8759GD Datasheet HTML 16Page - Monolithic Power Systems MP8759GD Datasheet HTML 17Page - Monolithic Power Systems MP8759GD Datasheet HTML 18Page - Monolithic Power Systems MP8759GD Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MP8759 – 26V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8759 Rev. 1.1
www.MonolithicPower.com
15
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage with an E-
Capacitor or POS Capacitor
For applications that use an electrolytic capacitor
or POS capacitor with a controlled ESR output is
set
as
an
output
capacitor,
external
compensation is not need. The output voltage is
set by feedback resistors R1 and R2 (see Figure
6).
Figure 6: Simplified Circuit of POS Capacitor
The value for R2 must be chosen carefully since
a small R2 value leads to considerable quiescent
current loss, while a value that is too large makes
FB noise sensitive. R2 is recommended to be
within 5kΩ - 100kΩ. Typically, set the current
through R2 between 5µA - 30µA to create a good
balance between the system stability and no-load
loss. Considering the output ripple, calculate R1
with Equation (3):
OUT
REF
REF
VV
R1
R2
V

(3)
Setting the Output Voltage with a Pure
Ceramic Output Capacitor
The
MP8759
employs
internal
ramp
compensation. When the internal compensation
is enough for a stable operation with the ceramic
output capacitors, the external resistor divider is
used to set VOUT. First, choose a value for R2.
Then R1 can be determined with Equation (4):
OUT
REF
REF
VV
R1
R2
V

(4)
The feedback circuit is shown in Figure 7.
Figure 7: Feedback Network
When the internal ramp compensation is not
enough to stabilize the loop with a pure ceramic
capacitor, an extra external voltage ramp around
20mV should be added to FB through resistor R4
and capacitor C5.
Figure 8: External Ramp Compensation
Figure 8 shows a simplified external ramp
compensation for PWM mode. Vramp on FB can
be estimated with Equation (5):

in
out
ramp
on
45
VV
VT
RC
(5)
For better load or line regulation, use a lower
Vramp. Usually, Vramp is recommended to be
around 20mV.
The MP8759 employs a DC auto-tune loop to
balance the DC error between VFB and VREF. VFB
can maintain 0.6V, even with an external ramp
compensation circuit. Figure 9 shows the DC
equivalent circuit with an external ramp circuit.
R1
R2
R4
R9
Figure 9: Equivalent DC Circuit
R1
R2
ESR
POSCAP
SW
FB
Vo
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com