Electronic Components Datasheet Search
  English  ▼

X  

MP8760D Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP8760D
Description  High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8760D Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP8760D Datasheet HTML 17Page - Monolithic Power Systems MP8760D Datasheet HTML 18Page - Monolithic Power Systems MP8760D Datasheet HTML 19Page - Monolithic Power Systems MP8760D Datasheet HTML 20Page - Monolithic Power Systems MP8760D Datasheet HTML 21Page - Monolithic Power Systems MP8760D Datasheet HTML 22Page - Monolithic Power Systems MP8760D Datasheet HTML 23Page - Monolithic Power Systems MP8760D Datasheet HTML 24Page - Monolithic Power Systems MP8760D Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
MP8760D ― 6A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8760D Rev. 1.1
www.MonolithicPower.com
24
1/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION
IN
FREQ
VCC
EN
PGND
BST
FB
SW
MP8760D
V
IN
C1A
R7
C5
C3
L1
R4
C4
R1
R2
R6
PG
AGND
SS
C6
33nF
10
C1B
10
C1C
0.1
C1D
0.1
357K
R5
100K
1
100K
R3
4.7
1
750 K
220pF
12.7K
20K
R9
100
VOUT
C2A
47
C2B
47
C2C
47
C2D
0.1
0.1
C2E
0.1
Figure 15—Typical Application Circuit with Low ESR Ceramic Capacitor for 1V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com