Electronic Components Datasheet Search
  English  ▼

X  

MP8763 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8763
Description  High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8763 Datasheet HTML 1Page - Monolithic Power Systems MP8763 Datasheet HTML 2Page - Monolithic Power Systems MP8763 Datasheet HTML 3Page - Monolithic Power Systems MP8763 Datasheet HTML 4Page - Monolithic Power Systems MP8763 Datasheet HTML 5Page - Monolithic Power Systems MP8763 Datasheet HTML 6Page - Monolithic Power Systems MP8763 Datasheet HTML 7Page - Monolithic Power Systems MP8763 Datasheet HTML 8Page - Monolithic Power Systems MP8763 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MP8763 — 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763 Rev. 1.3
www.MonolithicPower.com
5
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
13-Pin
QFN
PIN#
16-Pin
QFN
Name Description
1
1
EN
Enable. Digital input to turn the regulator ON or OFF. Drive EN HIGH to turn on
the regulator. Drive it LOW to turn it off. Connect EN to IN through a pull-up
resistor or a resistive voltage divider for automatic startup. Do not float this pin.
2
2
FREQ
Frequency Set. Requires a resistor connected between FREQ and IN to set the
switching frequency. The input voltage and the resistor connected to the FREQ pin
determine the ON time. The connection to the IN pin provides line feed-forward
and stabilizes the frequency during input voltage variation.
3
3
FB
Feedback. Connect to the tab of an external resistor divider from the output to
GND to set the output voltage. FB is also configured to realize over-voltage
protection (OVP) by monitoring output voltage. Place the resistor divider as close
to FB pin as possible. Avoid using vias on the FB traces.
4
4
SS
Soft-Start. Connect an external capacitor to program the soft start time for the
switch mode regulator.
5
5
AGND Analog ground. The control circuit reference.
6
6
PG
Power Good, the output is an open drain signal. Require a pull-up resistor to a DC
voltage to indicate high if the output voltage exceeds 91% of the nominal voltage.
There is a delay from FB ≥ 91% to PG goes high.
7
7
VCC
Internal 4.8V LDO output. Power the driver and control circuits. 5V external bias
can disable the internal LDO. Decoupling with ≥1µF ceramic capacitor as close to
the pin as possible. Use X7R or X5R dielectric ceramic capacitors for their stable
temperature characteristics.
8
8
BST
Bootstrap. Require a capacitor connected between SW and BST pins to form a
floating supply across the high-side switch driver.
9, 10
15, 16
SW
Switch Output. Connect to the inductor and bootstrap capacitor. The high-side
switch drives the pin up to the VIN voltage during PWM duty cycle’s ON time. The
inductor current drives the SW pin negative during the OFF-time. The low-side
switch’s ON-resistance and the internal Schottky diode clamp the negative
voltage. Connect using wide PCB traces
11, 12
10,11,12,
13
PGND
System Ground. Reference ground of the regulated output voltage. PCB layout
requires extra care. Connect using wide PCB traces.
13
9, 14
IN
Supply Voltage. Supplies power to the internal MOSFET and regulator. The
MP8763 operates from a +2.5V to +18V input rail with 5V external bias and a
+4.5V to +18V input rail with internal bias. Requires an input decoupling capacitor.
Connect using wide PCB traces and multiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com