Electronic Components Datasheet Search
  English  ▼

X  

MP8765GQ Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8765GQ
Description  24V, 6A High Efficiency Synchronous Step-down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8765GQ Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8765GQ Datasheet HTML 12Page - Monolithic Power Systems MP8765GQ Datasheet HTML 13Page - Monolithic Power Systems MP8765GQ Datasheet HTML 14Page - Monolithic Power Systems MP8765GQ Datasheet HTML 15Page - Monolithic Power Systems MP8765GQ Datasheet HTML 16Page - Monolithic Power Systems MP8765GQ Datasheet HTML 17Page - Monolithic Power Systems MP8765GQ Datasheet HTML 18Page - Monolithic Power Systems MP8765GQ Datasheet HTML 19Page - Monolithic Power Systems MP8765GQ Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MP8765 ─ 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP8765 Rev. 1.01
www.MonolithicPower.com
16
2/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage---without external
compensation
For applications that electrolytic capacitor or POS
capacitor with a controlled output of ESR is set
as
output
capacitors,
or
the
internal
compensation is enough for a stable operation
when ceramic capacitors is used, then the
external compensation is not need.. The output
voltage is set by feedback resistors R1 and R2.
As Figure 10 shows.
R1
R2
ESR
POSCAP
SW
FB
Vo
L
Figure10—Simplified Circuit of POS Capacitor
First, choose a value for R2. R2 should be
chosen reasonably, a small R2 will lead to
considerable quiescent current loss while too
large R2 makes the FB noise sensitive. It is
recommended to choose a value within 5kΩ-
100kΩ for R2.Typically, set the current through
R2 between 5-30uA will make a good balance
between system stability and also the no load
loss. Then R1 is determined as follow with the
output ripple considered:
OUT
OUT
REF
12
REF
1
VV
V
2
RR
V
−Δ
−
=⋅
(13)
OUT
V
Δ
is the output ripple.
Setting the Output Voltage---with external
compensation
R1
R2
Ceramic
SW
FB
Vo
L
R9
R4
C4
Figure11—Simplified Circuit of Ceramic
Capacitor
If the system is not stable enough when low ESR
ceramic capacitor is used in the output, an
external voltage ramp should be added to FB
through resistor R4 and capacitor C4.The output
voltage is influenced by ramp voltage VRAMP
besides R divider as shown in Figure 11. The
VRAMP can be calculated as shown in equation 7.
R2 should be chosen reasonably, a small R2 will
lead to considerable quiescent current loss while
too large R2 makes the FB noise sensitive. It is
recommended to choose a value within 5kΩ-
100kΩ for R2.Typically, set the current through
R2 between 5-30uA will make a good balance
between system stability and also the no load
loss. And the value of R1 then is determined as
follow:
2
1
FB(AVG)
2
OUT
FB(AVG)
4
9
R
R=
V
R
-
(V
-V
) R +R
(14)
The VFB(AVG) is the average value on the FB,
VFB(AVG) varies with the Vin, Vo, and load
condition, etc., its value on the skip mode would
be lower than that of the PWM mode, which
means the load regulation is strictly related to the
VFB(AVG). Also the line regulation is related to the
VFB(AVG). If one wants to gets a better load or line
regulation, a lower Vramp is suggested, as long
as the criterion shown in equation 8 can be met.
For PWM operation, VFB(AVG) value can be
deduced from the equation below.
12
FB(AVG)
REF
RAMP
12
9
R//R
1
VV
V
2R //R
R
=+
×
+
(15)
Usually, R9 is set to 0Ω, and it can also be set
following equation 14 for a better noise immunity.
It should also set to be 5 times smaller than
R1//R2 to minimize its influence on Vramp.
9
4SW
1
R
2C
2F
=
π×
×
(16)
Using equation 13 to calculate the R1 can be
complicated. To simplify the calculation, a DC-
blocking capacitor Cdc can be added to filter the
DC influence from R4 and R9. Figure 12 shows
a
simplified
circuit
with
external
ramp
compensation and a DC-blocking capacitor. With
this capacitor, R1 can easily be obtained by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com