Electronic Components Datasheet Search
  English  ▼

X  

VK06TL Datasheet(PDF) 1 Page - STMicroelectronics

Part # VK06TL
Description  ELECTRONIC DRIVER FOR TL BALLASTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VK06TL Datasheet(HTML) 1 Page - STMicroelectronics

  VK06TL Datasheet HTML 1Page - STMicroelectronics VK06TL Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
April 2004
1/2
®
This is preliminary information on a new product now in development. Details are subject to change without notice.
VK06TL
/ VK06TLS
ELECTRONIC DRIVER FOR TL BALLASTS
s
EMITTER SWITCH POWER OUTPUT STAGE
s
INTEGRATED ANTIPARALLEL COLLECTOR
GROUND DIODE
s
ACCURATE (5% PRECISION) tON CONTROL
s
INTEGRATED DIAC FUNCTION
s
INTEGRATED PREHEATING FUNCTION
s
INTEGRATED END OF LIFE PROTECTION
s
INTEGRATED THERMAL PROTECTION
s
SELF-SUPPLIED DURING OPERATION
DESCRIPTION
The VK06TL, VK06TLS is a monolithic device
made
using
STMicroelectronics
proprietary
VIPower
M3-3 Technology. A complete half-
bridge converter can be realized using two
VK06TL devices as low side and high side drivers.
Through some external components it is possible
to set the pre-heating frequency, the pre-heating
duration, the steady-state frequency and the End
of Life (EoL) protection.
TYPE
BV
Icrms
VK06TL
VK06TLS
600 V
0.7 A
SO-16
SIP-9
ORDER CODES
PACKAGE
TUBE
T&R
SO-16
VK06TL
VK06TL13TR
SIP-9
VK06TLS
-
DATA BRIEF
BLOCK DIAGRAM
VCC
Bipolar Driver
Gate Driver
Vdd
CAP2
CAP1
GND
CapPREH
COLL
Vref3
Vcc charge
Over Temperature
Detector
SEC
Supply
DIAC
Vref2
Reset
Preheating
Vref4
Vref1
Vcc
Vdd
Vcc
Vcc
Vdd
Delay on
CapEOL
Vref5
Vcc
Vref6
protection
protection
Vdd
Vcc
Vcc
sec on/off
DIAC
CLAMP
diac on/off
latch
Reset
CAP1
Over Current
Detector
COLL
Rsense
Vcc


Similar Part No. - VK06TL

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
VK015400 YAMAHA-VK015400 Datasheet
13Mb / 42P
STEREO AMPLIFIER SERVICE MANUAL
VK024600 YAMAHA-VK024600 Datasheet
13Mb / 42P
STEREO AMPLIFIER SERVICE MANUAL
VK024700 YAMAHA-VK024700 Datasheet
13Mb / 42P
STEREO AMPLIFIER SERVICE MANUAL
VK025500 YAMAHA-VK025500 Datasheet
13Mb / 42P
STEREO AMPLIFIER SERVICE MANUAL
VK026500 YAMAHA-VK026500 Datasheet
13Mb / 42P
STEREO AMPLIFIER SERVICE MANUAL
More results

Similar Description - VK06TL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
307C1407 VISHAY-307C1407 Datasheet
257Kb / 1P
PTC Thermistors For Electronic Fluorescent Ballasts
14-May-02
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
IC for Electronic Ballasts
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3351 ETC2-TFA3351 Datasheet
104Kb / 12P
IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
219Kb / 6P
IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
IC for Electronic Ballasts
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
IC for Electronic Ballasts
logo
Cirrus Logic
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
Digital PFC Controller for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354_11 Datasheet
249Kb / 6P
IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
Electronic ballasts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com