Electronic Components Datasheet Search
  English  ▼

X  

W209CH Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # W209CH
Description  Frequency Generator for Integrated Core Logic with 133-MHz FSB
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W209CH Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button W209CH Datasheet HTML 8Page - Cypress Semiconductor W209CH Datasheet HTML 9Page - Cypress Semiconductor W209CH Datasheet HTML 10Page - Cypress Semiconductor W209CH Datasheet HTML 11Page - Cypress Semiconductor W209CH Datasheet HTML 12Page - Cypress Semiconductor W209CH Datasheet HTML 13Page - Cypress Semiconductor W209CH Datasheet HTML 14Page - Cypress Semiconductor W209CH Datasheet HTML 15Page - Cypress Semiconductor W209CH Datasheet HTML 16Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
W209C
PRELIMINARY
Document #: 38-07171 Rev. *A
Page 13 of 16
Intel is a registered trademark of Intel Corporation.
Group Skew and Jitter Limits
Output Group
Pin-Pin Skew Max.
Cycle-Cycle Jitter
Duty Cycle
Nom Vdd
Skew, Jitter
Measure
Point
Typical Output
Impedance
CPU
175 ps
250 ps
45/55
2.5V
1.25V
21
Ω
SDRAM
250 ps
250 ps
45/55
3.3V
1.5V
14
Ω
APIC
250 ps
500 ps
45/55
2.5V
1.25V
16
Ω
48MHz
250 ps
500 ps
45/55
3.3V
1.5V
21
Ω
3V66
175 ps
500 ps
45/55
3.3V
1.5V
14
Ω
PCI
500 ps
500 ps
45/55
3.3V
1.5V
14
Ω
REF
N/A
1000 ps
45/55
3.3V
1.5V
11
Ω
Clock Output Wave
2.5V Clocking
3.3V Clocking
Test Point
Test Load
TPERIOD
Duty Cycle
THIGH
2.0
1.25
0.4
TLOW
TRISE
TFALL
TLOW
TRISE
TFALL
TPERIOD
Duty Cycle
THIGH
2.4
1.5
0.4
Output
Buffer
Interface
Interface
Figure 8. Output Buffer
Ordering Information
Ordering Code
Package Name
Package Type
W209C
H
48-pin SSOP (300 mils)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com