Electronic Components Datasheet Search
  English  ▼

X  

MP24895 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP24895
Description  Step-down White-LED Driver Wide 6-36V Input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24895 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP24895 Datasheet HTML 5Page - Monolithic Power Systems MP24895 Datasheet HTML 6Page - Monolithic Power Systems MP24895 Datasheet HTML 7Page - Monolithic Power Systems MP24895 Datasheet HTML 8Page - Monolithic Power Systems MP24895 Datasheet HTML 9Page - Monolithic Power Systems MP24895 Datasheet HTML 10Page - Monolithic Power Systems MP24895 Datasheet HTML 11Page - Monolithic Power Systems MP24895 Datasheet HTML 12Page - Monolithic Power Systems MP24895 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP24895 – STEP-DOWN WHITE-LED DRIVER WITH 6-36V INPUT VOLTAGE
MP24895 Rev. 1.0
www.MonolithicPower.com
11
8/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
t0
Tsw
PWM Signal
VEN/DIM
IL
t1t2
t0-t1: Delay time caused by transistor turning-off.
For MMBT3904, t1 is about 1us-2us
t1-t2: Delay time caused by signal transmission
(less than 1us).
Tsw: one switching period
The average LED current is proportional to duty
cycle of PWM signal. For good PWM dimming
linearity, inductor current has to achieve the peak
threshold during PWM on time. The minimum
PWM duty cycle can be estimated as below:
Dmin/fpwm=t1+t2+4*D*Tsw
Circuit Layout Consideration
Pay careful attention to the PCB board layout
and components placement. RSENSE should be
placed close to the IN pin and RS pin to minimize
set current error. The input loop—including the
input capacitor, Schottky diode, and internal
MOSFET—should be as short as possible.
TYPICAL APPLICATION CIRCUITS
Figure 4: Drive 3 LEDs in Series, 1A Current Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com