Electronic Components Datasheet Search
  English  ▼

X  

MPQ2489 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ2489
Description  Step Down White LED Driver with Wide 6V??5V Input Voltage AEC-Q100 Qualified
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2489 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ2489 Datasheet HTML 4Page - Monolithic Power Systems MPQ2489 Datasheet HTML 5Page - Monolithic Power Systems MPQ2489 Datasheet HTML 6Page - Monolithic Power Systems MPQ2489 Datasheet HTML 7Page - Monolithic Power Systems MPQ2489 Datasheet HTML 8Page - Monolithic Power Systems MPQ2489 Datasheet HTML 9Page - Monolithic Power Systems MPQ2489 Datasheet HTML 10Page - Monolithic Power Systems MPQ2489 Datasheet HTML 11Page - Monolithic Power Systems MPQ2489 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MPQ2489 – STEP DOWN WLED DRIVER WITH WIDE 6V~55V INPUT VOLTAGE, AEC-Q100 QUALIFIED
MPQ2489 Rev. 1.1
www.MonolithicPower.com
8
9/26/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
Steady State
The MPQ2489 is a hysteretic controlled step
down LED driver that is easily to be configured in
varies applications ranging from 6V–55V input.
The converter employs a high side current
sensing resistor to detect and regulate the LED
current. The voltage across the current sensing
resistor is kept measured and regulated in
202mV±30mV range.
The internal 1.275V reference voltage is utilized
to provide a 0.2V reference for enabling the part
and a 1.275V pulling-up voltage as current
reference voltage. When VEN>0.2V, the output
of the comparator becomes high and the other
blocks are enabled.
Output current is sensed by high-side resistor
Rsense. When the switch is on, R2 is shorted
and output current upper-threshold is fixed by R1.
When the switch is off, output current lower-
threshold is fixed by R1 and R2. Ratio of R1 and
R2 determines the current hysteresis.
Enable Control
Once Input voltage is applied, the internal 1.275V
reference is connected to EN/DIM pin through
pull up resistor. If EN/DIM is left open, the IC will
automatically start up to the maxim brightness.
Appling a capacitor on this pin can hereby
program a soft start time.
If an external voltage range from 1.275V to 1.25V
is applied to this pin, the current sensing voltage
reference is linearly controlled from 0mV to
202mV. By controlling the EN/DIM pin voltage
the analog dimming can be easily employed.
If an external PWM voltage is applied on this pin,
the IC will follow the PWM duty to achieve the
PWM dimming, the PWM signal amplitude must
be about 1.25V. About the flexible external PWM
dimming method, please refer to the selecting
dimming control mode section.
System Soft Start
The voltage on the EN/DIM pin is the inductor
current reference. An external capacitor from the
EN/DIM pin to ground provides a soft-start delay.
When VIN starts, internal voltage source charges
the capacitor from 0V to 1.25V to fulfill soft-start
function.
Dimming Control
MPQ2489 provides two dimming methods: PWM
dimming and DC analog dimming.
To use PWM dimming, apply a square wave to
the EN/DIM pin. To use analog dimming, apply a
0.3V–2.5V DC voltage to this pin.
Maximum Continuous Switching Current
MPQ2489 max continuous switching current
depends on the package with different thermal
resistance. The table 1 shows the max
continuous current corresponding package for
reference.
Table 1. IMAX vs. Package
Package
QFN6
Imax(A)
1.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com