Electronic Components Datasheet Search
  English  ▼

X  

ACTF070013 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACTF070013
Description  70 MHz Standard Filter FOR base Station application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACTF070013 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACTF070013 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACTF070013 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without
notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1 OF 2
70 MHz Standard Filter FOR base Station application
Part Number ACTF070013/PK10
Horizontal: 0.6MHz/Div
Horizontal: 0.5MHz/Div
Vertical: 1&10dB/Div
Vertical: 100ns/Div
Parameter
Unit
Minimum
Typical
Maximum
Centre Frequency
MHz
69.9
70
70.1
Insertion Loss at F0
dB
33
1 dB Bandwidth
MHz
0.90
1.13
3 dB Bandwidth
MHz
1.20
1.32
40dB Bandwidth
MHz
2.13
2.30
Passband Variation
dB
0.4
0.5
Phase Linearity
Deg
Group Delay Variation
nsec
100
Absolute Delay
usec
2.7
Ultimate Rejection
dB
45
48
50
Substrate Material
-
Quartz
Ambient Temperature
°C
25
Typical Performance
Typical Performance
Specifications
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF070013

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF070013-PK10 ACT-ACTF070013-PK10 Datasheet
49Kb / 2P
70 MHz Standard Filter FOR base Station application
SEPT 04
ACTF070013/PK10 ACT-ACTF070013/PK10 Datasheet
49Kb / 2P
70 MHz Standard Filter FOR base Station application
SEPT 04
More results

Similar Description - ACTF070013

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF070013-PK10 ACT-ACTF070013-PK10 Datasheet
49Kb / 2P
70 MHz Standard Filter FOR base Station application
SEPT 04
ACTF070020V-PK11 ACT-ACTF070020V-PK11 Datasheet
48Kb / 2P
70 MHz Standard Filter for Base station application.
SEPT 04
ACTF070025-PK11 ACT-ACTF070025-PK11 Datasheet
47Kb / 2P
70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070035-PK11 ACT-ACTF070035-PK11 Datasheet
49Kb / 2P
70 MHz Standard Filter for Base Station application
SEPT 04
ACTF070035V-PK11 ACT-ACTF070035V-PK11 Datasheet
48Kb / 2P
70 MHz Standard Filter FOR Base Station application.
SEPT 04
ACTF070042-PK11 ACT-ACTF070042-PK11 Datasheet
48Kb / 2P
70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070094-PK10 ACT-ACTF070094-PK10 Datasheet
49Kb / 2P
70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070094-PKXS ACT-ACTF070094-PKXS Datasheet
48Kb / 2P
70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070096-PK11 ACT-ACTF070096-PK11 Datasheet
48Kb / 2P
70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070188-PK11 ACT-ACTF070188-PK11 Datasheet
47Kb / 2P
70 MHz Standard Filter for Base Station application.
SEPT 04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com