Electronic Components Datasheet Search
  English  ▼

X  

HMC311LP3E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC311LP3E
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC311LP3E Datasheet(HTML) 5 Page - Analog Devices

  HMC311LP3E Datasheet HTML 1Page - Analog Devices HMC311LP3E Datasheet HTML 2Page - Analog Devices HMC311LP3E Datasheet HTML 3Page - Analog Devices HMC311LP3E Datasheet HTML 4Page - Analog Devices HMC311LP3E Datasheet HTML 5Page - Analog Devices HMC311LP3E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
5
HMC311LP3 / 311LP3E
v06.0617
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6 GHz
Application Circuit
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 2, 4 - 9,
11 - 16
N/C
This pin may be connected to RF ground.
3
RFIN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
10
RFOUT
RF output and DC Bias for the output stage.
GND
Package bottom must be connected to RF/DC ground.
Recommended Component Values
Component
Frequency (MHz)
50
900
1900
2200
2400
3500
5200
5800
L1
270 nH
56 nH
18 nH
18 nH
15 nH
8.2 nH
3.3 nH
3.3 nH
C1, C2
0.01 µF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
Note:
1. Select Rbias to achieve Icq using equation below,
Rbias > 22 Ohm.
2. External blocking capacitors are required on
RFIN and RFOUT.
Icq = Vs - 3.8
Rbias



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com