Electronic Components Datasheet Search
  English  ▼

X  

BP-104-FAS Datasheet(PDF) 9 Page - OSRAM GmbH

Part # BP-104-FAS
Description  Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BP-104-FAS Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button BP-104-FAS Datasheet HTML 5Page - OSRAM GmbH BP-104-FAS Datasheet HTML 6Page - OSRAM GmbH BP-104-FAS Datasheet HTML 7Page - OSRAM GmbH BP-104-FAS Datasheet HTML 8Page - OSRAM GmbH BP-104-FAS Datasheet HTML 9Page - OSRAM GmbH BP-104-FAS Datasheet HTML 10Page - OSRAM GmbH BP-104-FAS Datasheet HTML 11Page - OSRAM GmbH BP-104-FAS Datasheet HTML 12Page - OSRAM GmbH BP-104-FAS Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Version 1.3
BP 104 FAS
2016-06-30
9
Taping
Dimensions in mm (inch).
Tape and Reel
12 mm tape with 1500 pcs. on ∅ 180 mm reel
OHAY2287
1.5 (0.059)
4 (0.157)
0.8 (0.031)
2 (0.079)
4.1 (0.161)
Cathode/Collector Side
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com