Electronic Components Datasheet Search
  English  ▼

X  

BPW-34 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # BPW-34
Description  Especially suitable for applications from 400 nm to 1100 nm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW-34 Datasheet(HTML) 5 Page - OSRAM GmbH

  BPW-34 Datasheet HTML 1Page - OSRAM GmbH BPW-34 Datasheet HTML 2Page - OSRAM GmbH BPW-34 Datasheet HTML 3Page - OSRAM GmbH BPW-34 Datasheet HTML 4Page - OSRAM GmbH BPW-34 Datasheet HTML 5Page - OSRAM GmbH BPW-34 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BPW 34, BPW 34 S, BPW 34 S (E9087)
2003-02-04
5
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
GEOY6643
4.0 (0.157)
3.7 (0.146)
4.3 (0.169)
4.5 (0.177)
5.4 (0.213)
4.9 (0.193)
0.6 (0.024)
0.4 (0.016)
0.3 (0.012)
0.5 (0.020)
0.8 (0.031)
0.6 (0.024)
Cathode marking
Chip position
0.4 (0.016)
0.6 (0.024)
0.35 (0.014)
0.2 (0.008)
0 ... 5˚
5.08 (0.200)
spacing
Photosensitive area
2.65 (0.104) x 2.65 (0.104)
BPW 34
4.5 (0.177)
4.3 (0.169)
Photosensitive area
Cathode lead
GEOY6863
6.7 (0.264)
6.2 (0.244)
1.1 (0.043)
0.9 (0.035)
2.65 (0.104) x 2.65 (0.104)
1.8 (0.071)±0.2 (0.008)
Chip position
BPW 34 S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com