Electronic Components Datasheet Search
  English  ▼

X  

BPX-43 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # BPX-43
Description  Silicon NPN Phototransistor Version 1.3
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX-43 Datasheet(HTML) 2 Page - OSRAM GmbH

  BPX-43 Datasheet HTML 1Page - OSRAM GmbH BPX-43 Datasheet HTML 2Page - OSRAM GmbH BPX-43 Datasheet HTML 3Page - OSRAM GmbH BPX-43 Datasheet HTML 4Page - OSRAM GmbH BPX-43 Datasheet HTML 5Page - OSRAM GmbH BPX-43 Datasheet HTML 6Page - OSRAM GmbH BPX-43 Datasheet HTML 7Page - OSRAM GmbH BPX-43 Datasheet HTML 8Page - OSRAM GmbH BPX-43 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2016-01-04
2
Version 1.3
BPX 43
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 125
°C
Collector-emitter voltage
V
CE
50
V
Collector current
I
C
50
mA
Collector surge current
(τ < 10 µs)
I
CS
200
mA
Emitter-base voltage
VEB
7
V
Total Power dissipation
Ptot
220
mW
Thermal resistance
RthJA
450
K / W
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2000
V
Parameter
Symbol
Values
Unit
Wavelength of max. sensitivity
(typ)
λ
S max
880
nm
Spectral range of sensitivity
(typ)
λ
10%
(typ) 450
... 1100
nm
Radiant sensitive area
(typ)
A
0.675
mm
2
Dimensions of chip area
(typ)
L x W
(typ) 1.02 x
1.02
mm x
mm
Half angle
(typ)
ϕ
± 15
°
Photocurrent of collector-base photodiode
(λ = 950 nm, E
e = 0.5 mW/cm
2, V
CB = 5 V)
(typ)
IPCB
11
μA
Photocurrent of collector-base photodiode
(E
V = 1000 lx, Std. Light A, VCB = 5 V)
(typ)
I
PCB
35
μA
Capacitance
(VCE = 0 V, f = 1 MHz, E = 0)
(typ)
C
CE
23
pF
Capacitance
(VCB = 0 V, f = 1MHz, E = 0)
(typ)
CCB
39
pF
Capacitance
(V
EB = 0 V, f = 1MHz, E = 0)
(typ)
CEB
47
pF
Dark current
(V
CE = 20 V)
(typ (max)) I
CE0
20 (≤ 100)
nA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com