Electronic Components Datasheet Search
  English  ▼

X  

DAT86198 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAT86198
Description  Attenuator 8 Section
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAT86198 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAT86198 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DAT86198
FEATURES
• 600-800 MHz
• SMA Connectors
• Low Loss, 3.4 dB Typical
• Phase Compensated
Attenuator 8 Section
D AICO Industr ies
8 BIT
224
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DAT86198

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAT82050 DAICO-DAT82050 Datasheet
59Kb / 1P
Attenuator 8 Section
More results

Similar Description - DAT86198

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D0712 DAICO-100D0712 Datasheet
39Kb / 1P
Attenuator 7 Section
CAT52045 DAICO-CAT52045 Datasheet
162Kb / 1P
Attenuator 5 Section
DAT42182 DAICO-DAT42182 Datasheet
168Kb / 1P
Attenuator 4 Section
DAT49064 DAICO-DAT49064 Datasheet
26Kb / 1P
Attenuator 4 Section
DAT15073 DAICO-DAT15073 Datasheet
170Kb / 1P
Attenuator 1 Section
CAT82048 DAICO-CAT82048 Datasheet
191Kb / 1P
Attenuator 8 Section
DAT76199 DAICO-DAT76199 Datasheet
181Kb / 1P
Attenuator 7 Section
DAT76227 DAICO-DAT76227 Datasheet
179Kb / 1P
Attenuator 7 Section
DAT76228 DAICO-DAT76228 Datasheet
176Kb / 1P
Attenuator 7 Section
DAT82050 DAICO-DAT82050 Datasheet
59Kb / 1P
Attenuator 8 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com