Electronic Components Datasheet Search
  English  ▼

X  

GF-CSHPM1.24 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GF-CSHPM1.24
Description  SMT ceramic package with silicone resin and silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GF-CSHPM1.24 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GF-CSHPM1.24 Datasheet HTML 4Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 5Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 6Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 7Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 8Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 9Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 10Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 11Page - OSRAM GmbH GF-CSHPM1.24 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
GF CSHPM1.24
1,6
1,8
2,0
2,2
2,4
VF [V]
100
200
400
600
800
1000
IF [mA]
GF CSHPM1.24
100
200
400
60
0
80
0
10
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
Φe
Φe(350mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com