Electronic Components Datasheet Search
  English  ▼

X  

GF-DASPA2.24 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GF-DASPA2.24
Description  SMT package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GF-DASPA2.24 Datasheet(HTML) 5 Page - OSRAM GmbH

  GF-DASPA2.24 Datasheet HTML 1Page - OSRAM GmbH GF-DASPA2.24 Datasheet HTML 2Page - OSRAM GmbH GF-DASPA2.24 Datasheet HTML 3Page - OSRAM GmbH GF-DASPA2.24 Datasheet HTML 4Page - OSRAM GmbH GF-DASPA2.24 Datasheet HTML 5Page - OSRAM GmbH GF-DASPA2.24 Datasheet HTML 6Page - OSRAM GmbH GF-DASPA2.24 Datasheet HTML 7Page - OSRAM GmbH GF-DASPA2.24 Datasheet HTML 8Page - OSRAM GmbH GF-DASPA2.24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.1
GF DASPA2.24
2017-12-12
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
Durchlassspannungsgruppen
Centroid Wavelength Groups
Centroid Wellenlängengruppen
Group
Radiant Power
Radiant Power
Gruppe
Strahlungsleistung
Strahlungsleistung
(min.) Φ
E [mW]
(max.) Φ
E [mW]
PM
56
61
PN
61
66
PO
66
71
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
E
1.60
1.80
F
1.80
2.00
G
2.00
2.20
Group
far-red
Gruppe
(min.) λcentr
[nm]
(max.) λcentr
[nm]
1
710
740
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
1) page 20
1) Seite 20
1) page 20
1) Seite 20
3) page 20
3) Seite 20
5) page 20
5) Seite 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com