Electronic Components Datasheet Search
  English  ▼

X  

HF01B02DP Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # HF01B02DP
Description  Off Line High Voltage Quasi Resonant Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF01B02DP Datasheet(HTML) 5 Page - Monolithic Power Systems

  HF01B02DP Datasheet HTML 1Page - Monolithic Power Systems HF01B02DP Datasheet HTML 2Page - Monolithic Power Systems HF01B02DP Datasheet HTML 3Page - Monolithic Power Systems HF01B02DP Datasheet HTML 4Page - Monolithic Power Systems HF01B02DP Datasheet HTML 5Page - Monolithic Power Systems HF01B02DP Datasheet HTML 6Page - Monolithic Power Systems HF01B02DP Datasheet HTML 7Page - Monolithic Power Systems HF01B02DP Datasheet HTML 8Page - Monolithic Power Systems HF01B02DP Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HF01B00/01/02/03/04
–OFF LINE HIGH VOLTAGE QUASI RESONANT REGULATOR
HF01B00/01/02/03/04 Rev. 1.2
www.MonolithicPower.com
5
4/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VSD
Valley switching detector of the auxiliary flyback signal. It ensures Discontinuous Conduction
Mode (DCM) operation with valley switching over the entire input/load range. This pin also
offers OVP detection.
2
VCC
Supply voltage pin. Typically connect a 22
μF bulk capacitor and a 0.1uF ceramic capacitor
to this Pin. When VCC is charged to 12V, the internal high voltage current source turns off
and the IC starts switching; when it falls back to 8V, the high voltage current source turns on
again and the IC stops switching.
3
N/C
Not connected. This pin ensures adequate creepage distance.
4
D
Drain of the internal MOSFET. Input for the start up high voltage current source.
5
S
Source of the internal MOSFET. Input of the primary current sense signal.
6
S
Source of the internal MOSFET. Input of the primary current sense signal.
7
GND
The IC Ground.
8
FB
This pin sets the primary peak current limit, by directly connecting an optocoupler to this pin
to close the feedback loop. A feedback voltage of 3.7V on this pin will trigger an Over Load
Protection while 0.5V will trigger a Burst Mode operation. The regulator leaves Burst Mode
Operation and enters normal operation when the FB voltage reaches 0.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com