Electronic Components Datasheet Search
  English  ▼

X  

MP171 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP171
Description  700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP171 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP171 Datasheet HTML 1Page - Monolithic Power Systems MP171 Datasheet HTML 2Page - Monolithic Power Systems MP171 Datasheet HTML 3Page - Monolithic Power Systems MP171 Datasheet HTML 4Page - Monolithic Power Systems MP171 Datasheet HTML 5Page - Monolithic Power Systems MP171 Datasheet HTML 6Page - Monolithic Power Systems MP171 Datasheet HTML 7Page - Monolithic Power Systems MP171 Datasheet HTML 8Page - Monolithic Power Systems MP171 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP171
700 V Non-Isolated Off-Line Regulator
Up to 60 mA Output Current
MP171 Rev. 1.0
www.MonolithicPower.com
1
9/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
MP171 is a primary-side regulator that provides
accurate constant voltage (CV) regulation
without an opto-coupler. It supports buck, boost,
buck-boost, and flyback topologies. It has an
integrated 700 V MOSFET to simplify the
structure and reduce cost. These features make
it an ideal regulator for offline low-power
applications, such as home appliances and
standby power.
MP171 is a green-mode-operation regulator.
Both the peak current and switching frequency
decrease as the load decreases. This feature
provides excellent efficiency at light load and
improves the overall average efficiency.
MP171
has
various
protection
features
including thermal shutdown (TSD), VCC under-
voltage lockout (UVLO), overload protection
(OLP), short-circuit protection (SCP), and open-
loop protection.
MP171 is available in a small TSOT23-5
package and SOIC-8 package.
FEATURES
 Primary-Side CV Control, Supporting Buck,
Boost, Buck-Boost, and Flyback Topologies
 Integrated 700 V MOSFET and Current
Source
 < 30 mW No-Load Power Consumption
 Up to 2 W Output Power
 Maximum DCM Output Current Less than
40 mA
 Maximum CCM Output Current Less than
60 mA
 Low VCC Operating Current
 Frequency Foldback
 Limited Maximum Frequency
 Peak Current Compression
 Internally Biased VCC
 TSD, UVLO, OLP, SCP, Open-Loop
Protection
APPLICATIONS
Home Appliances, White Goods, and
Consumer Electronics
Industrial Controls
Standby Power
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP171
L
N
Input
C1
SOURCE
SOURCE
DRAIN
VCC
FB
C2
R1
L1
C4
D2
D1
VOUT
GND
R2
C3


Similar Part No. - MP171

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MP1710-1-FH MSYSTEM-MP1710-1-FH Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1710-1-FR MSYSTEM-MP1710-1-FR Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1710-1-FT MSYSTEM-MP1710-1-FT Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1710-1-FV MSYSTEM-MP1710-1-FV Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1710-1-FX MSYSTEM-MP1710-1-FX Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
More results

Similar Description - MP171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28880 TI1-UCC28880 Datasheet
1Mb / 35P
700-V Lowest Quiescent Current Off-Line Switcher
UCC28881 TI1-UCC28881_15 Datasheet
458Kb / 31P
UCC28881 700-V, 225-mA Low Quiescent Current Off-Line Switcher
UCC28881 TI1-UCC28881_16 Datasheet
525Kb / 31P
700-V, 225-mA Low Quiescent Current Off-Line Converter
logo
MicroPower Direct, LLC
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
300 - 700 mA Output Current
logo
Monolithic Power System...
MP172 MPS-MP172 Datasheet
519Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
MP173 MPS-MP173 Datasheet
539Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
MP174 MPS-MP174 Datasheet
667Kb / 22P
700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
EV163-S-00A MPS-EV163-S-00A Datasheet
1Mb / 12P
Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
EV163-SE-00A MPS-EV163-SE-00A Datasheet
263Kb / 7P
Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
logo
MPS Industries, Inc.
MP174A MPSIND-MP174A Datasheet
826Kb / 23P
700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
Rev. 1.0 2/27/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com