Electronic Components Datasheet Search
  English  ▼

X  

LTS2301AWC Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTS2301AWC
Description  0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS2301AWC Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTS2301AWC Datasheet HTML 1Page - Lite-On Technology Corporation LTS2301AWC Datasheet HTML 2Page - Lite-On Technology Corporation LTS2301AWC Datasheet HTML 3Page - Lite-On Technology Corporation LTS2301AWC Datasheet HTML 4Page - Lite-On Technology Corporation LTS2301AWC Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

  
 !"#



70911;2509 04#05
"
#
02E(972938990509 04#05
!85<<60>#1861035 $

#
5881(972938990509 04#05
09254029(9# 09 04#05


#
#
0:0910-6524009 04#05

-
;092540#;0925890240
5F
592400#;0925890240
5F
63090#;0925890#2AC 9#2A1025C##?06710254;620
$%!"#


       
 C
µ3
%G#
:092408#81%5015<
%

µ3
%G#
02E#112:06045
λ;
CC
#
%G#
;059260&26 35
∆λ

#
%G#
#252:06045
λ3
C
#
%G#
C
%G#
"
%G#
(97293-6524009 04#05
-


-
%G#
0:09108990509 04#05
%

µ-G-
8#81%5015<)25 425
% #

%G#
50 8#81 5015< 1 #0218903 75  2 64 5 1019 23 6509 #?25 5 25
2;;9A#25015 0%!##1%50925260@629240$0<0 901;1089:0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com