Electronic Components Datasheet Search
  English  ▼

X  

MP173 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP173
Description  700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP173 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP173 Datasheet HTML 7Page - Monolithic Power Systems MP173 Datasheet HTML 8Page - Monolithic Power Systems MP173 Datasheet HTML 9Page - Monolithic Power Systems MP173 Datasheet HTML 10Page - Monolithic Power Systems MP173 Datasheet HTML 11Page - Monolithic Power Systems MP173 Datasheet HTML 12Page - Monolithic Power Systems MP173 Datasheet HTML 13Page - Monolithic Power Systems MP173 Datasheet HTML 14Page - Monolithic Power Systems MP173 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP173– NON-ISOLATED OFFLINE REGULATOR
MP173 Rev. 1.0
www.MonolithicPower.com
11
8/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Leading-Edge Blanking
An internal leading-edge blanking (LEB) unit
avoids premature switching pulse termination
due to a turn-on spike. A turn-on spike is caused
by parasitic capacitance and reverse recovery of
the freewheeling diode. During the blanking time,
the current comparator is disabled and cannot
turn off the external MOSFET. Figure 5 shows
the leading-edge blanking.
ILIMIT
350ns
IDS
t
Figure 5—Leading-edge blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com