Electronic Components Datasheet Search
  English  ▼

X  

MP4026 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4026
Description  Primary-Side-Control, Offline LED Controller with Active PFC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4026 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4026 Datasheet HTML 10Page - Monolithic Power Systems MP4026 Datasheet HTML 11Page - Monolithic Power Systems MP4026 Datasheet HTML 12Page - Monolithic Power Systems MP4026 Datasheet HTML 13Page - Monolithic Power Systems MP4026 Datasheet HTML 14Page - Monolithic Power Systems MP4026 Datasheet HTML 15Page - Monolithic Power Systems MP4026 Datasheet HTML 16Page - Monolithic Power Systems MP4026 Datasheet HTML 17Page - Monolithic Power Systems MP4026 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MP4026 – PRIMARY SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4026 Rev. 1.1
www.MonolithicPower.com
15
9/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
On the other hand, the non-dimmable solution
usually needs to cover universal input range.
The input range is very wide, from 85VAC to
264VAC. The MULT pin is used to detect the
input voltage signal, but the resistor divider of
MULT is fixed. So, at high line input, the signal
for MULT input is very low, which results in
adverse effect for internal multiplier sampling,
then affect the PFC performance.
Figure 12 shows an improved circuitry on MULT
resistor divider to adjust the ratio of the divider
to achieve better THD.
MULT
Multiplier
COMP
CCOMP
RMULT2
BUS
RMULT1
RMULT3
ZD1
Figure 12: THD Improved Circuitry
The ZD1 is a HV Zener diode. The common
voltage rating is from 80V to 130V.
At low line input, the BUS can not breaks down
ZD1, the MULT pin signal is
=×
+
MULT2
MULT
BUS
MULT1
MULT2
R
VV
RR
When the input voltage rises up, once the BUS
breaks down ZD1, RMULT3 is paralleled with
RMULT1 to increase the ratio of the divider to
raise the MULT signal.
Figure 13: The MULT Signal with THD Improved
Circuitry
As Figure 13 shown, after adding the THD
improved circuitry, the top part of the MULT
voltage rises up as the dashed line. Then the
input current at top of BUS is increased while
the input current at the zero-crossing is reduced,
which results in the input current more like
sinusoid and then the THD is improved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com