Electronic Components Datasheet Search
  English  ▼

X  

RI2N60 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RI2N60
Description  N-CHANNEL MOSFET in a TO-251 Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RI2N60 Datasheet(HTML) 2 Page - Rectron Semiconductor

  RI2N60 Datasheet HTML 1Page - Rectron Semiconductor RI2N60 Datasheet HTML 2Page - Rectron Semiconductor RI2N60 Datasheet HTML 3Page - Rectron Semiconductor RI2N60 Datasheet HTML 4Page - Rectron Semiconductor RI2N60 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RI2N60
2 / 5
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
600
V
Drain Current
ID(Tc=25°C)
2.0
A
Drain Current
ID(Tc=100°C)
1.3
A
Drain Current - Pulsed
IDM
6.0
A
Gate-Source Voltage
VGSS
±30
V
Single Pulsed Avalanche Energy
EAS
120
mJ
Repetitive Avalanche Energy
EAR
5.4
mJ
Avalanche Current
IAR
2.0
A
Power Dissipation
PD(Tc=25°C)
45
W
Operating and Storage Temperature Range
TJ,TSTG
-55 to 150
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V
ID=250μA
600
V
Zero Gate Voltage Drain Current
IDSS
VDS=600V
VGS=0V
1.0
μA
VDS=480V
TC=125°C
100
μA
Gate-Body Leakage Current,
Forward
IGSS
VGS=±30V
VDS=0V
±0.1
μA
Gate Threshold Voltage
VGS(th)
VDS=VGS
ID=250μA
2.0
4.0
V
Static Drain-Source
On-Resistance
RDS(on)
VGS=10V
ID=1.0A
4.0
5.0
Ω
Forward Transconductance
gFS
VDS=40V
ID=1.0A
2.05
S
Drain-Source Diode Forward
Voltage
VSD
VGS=0V
IS=2.0A
1.4
V
Input Capacitance
Ciss
VDS=25V
VGS=0V
f=1.0MHz
320
420
pF
Output Capacitance
Coss
35
46
pF
Reverse Transfer Capacitance
Crss
4.5
6.0
pF
Turn-On Delay Time
td(on)
VDD=300V
ID=2.0A
RG=25Ω
8.0
30
ns
Turn-On Rise Time
tr
23
60
ns
Turn-Off Delay Time
td(off)
25
60
ns
Turn-Off Fall Time
tf
28
70
ns
Absolute Maximum Ratings(Ta=25°C)
Electrical Characteristics(Ta=25°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com