Electronic Components Datasheet Search
  English  ▼

X  

1SMA64A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1SMA64A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SMA64A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1SMA64A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SMA64A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 1SMA64A Datasheet HTML 3Page - SUNMATE electronic Co., LTD 1SMA64A Datasheet HTML 4Page - SUNMATE electronic Co., LTD 1SMA64A Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1SMA5.0A(CA) - 1SMA440A(CA)
POWER: 400Wa t t s
VOLTAGE RANGE: 5.0 - 440V
1 of 5
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA =25°C)
(Note 1)
PPK
400
W
Peak Forward Surge Current, 8.3ms Single Half Sine
Wave Superimposed on Rated Load (JEDEC Method)
(Notes 1, 2, & 3)
IFSM
40
A
Instantaneous Forward Voltage
@ IPP = 35A
(Notes 1, 2, & 3)
VF
3.5
V
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
3. Unidirectional units only.
Glass Passivated Die Construction
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Plastic Material: UL Flammability
Classification Rating 94V-0
Features
!
!
!
!
!
Characteristic
Symbol
Value
Unit
www.sunmate.tw
Case: SMA/DO-214AC, Molded Plastic
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
Mechanical Data
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE


Similar Part No. - 1SMA64A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA64AT3 MOTOROLA-1SMA64AT3 Datasheet
88Kb / 4P
Zener Transient Voltage Suppressors
logo
ON Semiconductor
1SMA64AT3 ONSEMI-1SMA64AT3 Datasheet
55Kb / 6P
400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA64AT3 ONSEMI-1SMA64AT3 Datasheet
64Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA64AT3 ONSEMI-1SMA64AT3 Datasheet
144Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA64AT3G ONSEMI-1SMA64AT3G Datasheet
64Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
More results

Similar Description - 1SMA64A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMF5.0CA SUNMATE-SMF5.0CA Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF6.0A SUNMATE-SMF6.0A Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF7.0A SUNMATE-SMF7.0A Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF13CA SUNMATE-SMF13CA Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF40A SUNMATE-SMF40A Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF45CA SUNMATE-SMF45CA Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF54A SUNMATE-SMF54A Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF60CA SUNMATE-SMF60CA Datasheet
718Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com