Electronic Components Datasheet Search
  English  ▼

X  

LB-W5SM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LB-W5SM
Description  white SMD package, colorless clear silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-W5SM Datasheet(HTML) 1 Page - OSRAM GmbH

  LB-W5SM Datasheet HTML 1Page - OSRAM GmbH LB-W5SM Datasheet HTML 2Page - OSRAM GmbH LB-W5SM Datasheet HTML 3Page - OSRAM GmbH LB-W5SM Datasheet HTML 4Page - OSRAM GmbH LB-W5SM Datasheet HTML 5Page - OSRAM GmbH LB-W5SM Datasheet HTML 6Page - OSRAM GmbH LB-W5SM Datasheet HTML 7Page - OSRAM GmbH LB-W5SM Datasheet HTML 8Page - OSRAM GmbH LB-W5SM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LB W5SM
1 Version 1.5 | 2018-02-13
Produktdatenblatt | Version 1.1
www.osram-os.com
LB W5SM
Golden DRAGON®
Applications
—
Transportation, Plane, Ship
Features:
—
Package: white SMD package, colorless clear silicone resin
—
Chip technology: ThinGaN
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 467 nm (● blue)
—
Corrosion Robustness Class: 3B
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)


Similar Part No. - LB-W5SM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LB-W5SM AMSOSRAM-LB-W5SM Datasheet
1Mb / 22P
Golden DRAGON®
Version 1.6 2019-07-15
More results

Similar Description - LB-W5SM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDMVSG-JGLH-46-1 OSRAM-LDMVSG-JGLH-46-1 Datasheet
671Kb / 21P
white SMD package, colorless clear silicone resin
LDW5SM-4S4T-35 OSRAM-LDW5SM-4S4T-35 Datasheet
643Kb / 21P
white SMD package, colorless clear silicone resin
LAW5SM-JYKY-24-1 OSRAM-LAW5SM-JYKY-24-1 Datasheet
615Kb / 21P
white SMD package, colorless clear silicone resin
LB-W5SG OSRAM-LB-W5SG Datasheet
623Kb / 16P
white SMD package, colorless clear silicone resin
LD-MVSG OSRAM-LD-MVSG Datasheet
671Kb / 21P
white SMD package, colorless clear silicone resin
LD-W5SM OSRAM-LD-W5SM Datasheet
1Mb / 22P
white SMD package, colorless clear silicone resin
LY-W5SM OSRAM-LY-W5SM Datasheet
645Kb / 21P
white SMD package, colorless clear silicone resin
LD-W5SN OSRAM-LD-W5SN Datasheet
679Kb / 20P
white SMD package, colorless clear silicone resin
LR-W5SM OSRAM-LR-W5SM Datasheet
611Kb / 21P
white SMD package, colorless clear silicone resin
LT-MTSG OSRAM-LT-MTSG Datasheet
1Mb / 21P
white SMD package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com