Electronic Components Datasheet Search
  English  ▼

X  

LCY-CLBP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCY-CLBP
Description  SMD ceramic package with silicone resin with lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCY-CLBP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCY-CLBP Datasheet HTML 5Page - OSRAM GmbH LCY-CLBP Datasheet HTML 6Page - OSRAM GmbH LCY-CLBP Datasheet HTML 7Page - OSRAM GmbH LCY-CLBP Datasheet HTML 8Page - OSRAM GmbH LCY-CLBP Datasheet HTML 9Page - OSRAM GmbH LCY-CLBP Datasheet HTML 10Page - OSRAM GmbH LCY-CLBP Datasheet HTML 11Page - OSRAM GmbH LCY-CLBP Datasheet HTML 12Page - OSRAM GmbH LCY-CLBP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.1
LCY CLBP
2014-03-10
9
Forward Current 6) page 21
Durchlassstrom 6) Seite21
Relative Luminous Flux 6) page 21 , 7) page 21
Relativer Lichtstrom 6) Seite21 , 7) Seite 21
Chromaticity Coordinate Shift 6) page 21
Farbortverschiebung 6) Seite 21
LCY CLBP
03,9
0,5
1,0
1,5
2,0
2,5
3,0
3,5
VF [V]
30
200
400
600
800
1000
IF [mA]
: yellow
LCY CLBP
30
200
40
0
60
0
800
10
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
ΦV
ΦV(350mA)
: yellow
LCY CLBP
200
40
0
60
0
800
10
00
IF [mA]
0,42
0,44
0,46
0,48
0,50
0,52
0,54
0,56
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com