Electronic Components Datasheet Search
  English  ▼

X  

LD-261 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LD-261
Description  GaAs infrared emitting diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-261 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LD-261 Datasheet HTML 3Page - OSRAM GmbH LD-261 Datasheet HTML 4Page - OSRAM GmbH LD-261 Datasheet HTML 5Page - OSRAM GmbH LD-261 Datasheet HTML 6Page - OSRAM GmbH LD-261 Datasheet HTML 7Page - OSRAM GmbH LD-261 Datasheet HTML 8Page - OSRAM GmbH LD-261 Datasheet HTML 9Page - OSRAM GmbH LD-261 Datasheet HTML 10Page - OSRAM GmbH LD-261 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2007-03-30
8
Version 1.0
LD 261
Package Outline
Maßzeichnung
Dimensions in mm (inch). / Maße in mm (inch).
GEOY6021
2.4 (0.094)
2.1 (0.083)
0.7 (0.028)
0.6 (0.024)
Collector (BPX 81)
Cathode (LD 261)
2.54 (0.100) spacing
1.5 (0.059)
2.1 (0.083)
position
Chip
0.25 (0.010)
0.15 (0.006)
1.4 (0.055)
1.0 (0.039)
A
A
0.4
0.5 (0.020)
0.4 (0.016)
Radiant sensitive area
(0.4 x 0.4)
Approx. weight 0.03 g
Detaching area for tools, flash not true to size.
1)
5˚
...
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com