Electronic Components Datasheet Search
  English  ▼

X  

LD-269 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LD-269
Description  GaAs infrared emitting diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-269 Datasheet(HTML) 2 Page - OSRAM GmbH

  LD-269 Datasheet HTML 1Page - OSRAM GmbH LD-269 Datasheet HTML 2Page - OSRAM GmbH LD-269 Datasheet HTML 3Page - OSRAM GmbH LD-269 Datasheet HTML 4Page - OSRAM GmbH LD-269 Datasheet HTML 5Page - OSRAM GmbH LD-269 Datasheet HTML 6Page - OSRAM GmbH LD-269 Datasheet HTML 7Page - OSRAM GmbH LD-269 Datasheet HTML 8Page - OSRAM GmbH LD-269 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2011-05-27
2
Version 1.0 LD 260, LD 262, LD 263, LD 264, LD 265, LD 266, LD 267, LD 268,
Ordering Information
Bestellinformation
Maximum Ratings (TA = 25 °C)
Grenzwerte
Type:
Radiant Intensity
Ordering Code
Typ:
Strahlstärke
Bestellnummer
IF = 50 mA, tp = 20 ms
Ie [mW/sr]
LD 262
5 ( 2.5)
Q62703Q0070
LD 263
5 ( 2.5)
Q62703Q0071
LD 264
5 ( 2.5)
Q62703Q0072
LD 265
5 ( 2.5)
Q62703Q0073
LD 266
5 ( 2.5)
Q62703Q0074
LD 267
5 ( 2.5)
Q62703Q0075
LD 268
5 ( 2.5)
Q62703Q0076
LD 269
5 ( 2.5)
Q62703Q0077
LD 260
5 ( 2.5)
Q62703Q0078
Note: Measured at a solid angle of = 0.01 sr
Anm:: Gemessen bei einem Raumwinkel = 0.01 sr
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 80
°C
Reverse voltage
Sperrspannung
VR
5V
Forward current
Durchlassstrom
IF
50
mA
Surge current
Stoßstrom
(tp 10 s, D = 0)
IFSM
1.6
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com