Electronic Components Datasheet Search
  English  ▼

X  

SXLP-10 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SXLP-10
Description  Low Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXLP-10 Datasheet(HTML) 1 Page - Mini-Circuits

  SXLP-10 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec)
x
σ
0.5
0.03
0.00
32.90
0.5
60.52
2.0
0.07
0.00
25.67
2.5
61.12
5.0
0.15
0.01
27.63
2.7
62.00
8.0
0.29
0.01
28.96
2.9
63.30
10.0
0.58
0.02
26.84
3.1
63.10
10.5
0.95
0.07
15.52
3.3
63.12
11.0
2.14
0.19
7.72
3.5
63.40
11.2
3.05
0.26
5.59
4.0
65.03
11.7
6.53
0.44
2.34
5.0
68.54
12.4
13.07
0.57
0.81
6.0
73.24
14.0
28.71
0.68
0.26
7.5
85.27
16.0
49.92
1.04
0.15
8.0
89.81
20.0
77.84
4.07
0.10
8.3
94.14
30.0
74.45
1.46
0.09
8.5
97.89
100.0
75.56
2.51
0.12
9.0
107.94
120.0
72.40
2.09
0.13
9.6
122.71
140.0
69.23
1.51
0.13
10.0
140.89
160.0
66.85
1.18
0.14
10.5
172.46
200.0
64.18
0.83
0.15
11.0
200.44
230.0
63.37
0.87
0.16
11.2
204.40
REV. A
M151121
EDR-7465/1U
SXLP-10+
URJ/RAV
170124
Page 1 of 1
50Ω DC to 10 MHz
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max.
INPUT
1
OUTPUT
8
GROUND
2, 3, 4, 5, 6, 7
Pin Connections
Surface Mount
SXLP-10+
Low Pass Filter
Low Pass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
CASE STYLE: HF1139
Typical Frequency Response
Functional Schematic
SXLP-10+
GROUP DELAY
40
80
120
160
200
240
0.0
2.8
5.6
8.4
11.2
FREQUENCY (MHz)
SXLP-10+
INSERTION LOSS
0
20
40
60
80
100
0
1
10
100
1000
FREQUENCY (MHz)
SXLP-10+
RETURN LOSS
0
10
20
30
40
0
1
10
100
1000
FREQUENCY (MHz)
PASSBAND
fco, MHz
STOPBAND
VSWR (:1)
(MHz)
Nom.
(MHz)
Passband
Stopband
(Loss < 1dB)
(Loss 3dB)
(Loss > 20dB)
(Loss > 40dB)
Typ.
Typ.
DC - 10
11.2
14 - 16
16 - 230
1.2
18
RF IN
RF OUT
40 dB
20 dB
3 dB
1 dB
FREQUENCY / Fco
DC
0.9 1
1.35
1.75
3
40 dB
20 dB
1 dB
3 dB
20 dB
40 dB
DC
0.86 1 1.25
1.46
20
FREQUENCY / FCO
Permanent damage may occur if any of these limits are exceeded.
Applications
• defense communications
• receivers / transmitters
• harmonic rejection
Features
• high rejection
• sharp cut-off
• shielded package
• aqueous washable
• low cost
Outline Drawing
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Demo Board MCL P/N: TB-368
Suggested PCB Layout (PL-230)
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
.44
.74
.27
.200
.07
.060
11.18 18.80
6.86
5.08
1.78
1.52
G
H
J
K
L
M
wt.
.040
.660
.200
.470
.055
.060 grams
1.02 16.76
5.08 11.94
1.40
1.52
3.0
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - SXLP-10

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXLP-10.7 MINI-SXLP-10.7 Datasheet
363Kb / 1P
Low Pass Filter
SXLP-10.7+ MINI-SXLP-10.7+ Datasheet
363Kb / 1P
Low Pass Filter
SXLP-1000 MINI-SXLP-1000 Datasheet
364Kb / 1P
Low Pass Filter
SXLP-1000+ MINI-SXLP-1000+ Datasheet
364Kb / 1P
Low Pass Filter
More results

Similar Description - SXLP-10

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com