Electronic Components Datasheet Search
  English  ▼

X  

SXLP-29 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SXLP-29
Description  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXLP-29 Datasheet(HTML) 2 Page - Mini-Circuits

  SXLP-29 Datasheet HTML 1Page - Mini-Circuits SXLP-29 Datasheet HTML 2Page - Mini-Circuits SXLP-29 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
SXLP-29+
Applications
• Defense system
• Test and measurement
Electrical Specifications at 25°C
CASE STYLE: HF1139
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
2W Max. @ 25°C
Permanent damage may occur if any of these limits are exceeded.
REV.OR
M164211
SXLP-29+
EDU2769/1
URJ
180116
Page 2 of 3
Features
• Low Insertion Loss typical 0.5dB
• Sharp roll-off
• Wide band rejection till 2500 MHz
• Very good VSWR typical 1.3:1
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 29 MHz
Low Pass Filter
0
10
20
30
40
50
60
70
80
0
20
40
60
80
100
120
140
FREQUENCY (MHz)
SXLP-29+
INSERTION LOSS (Zoomed)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
5
10
15
20
25
30
35
FREQUENCY (MHz)
SXLP-29+
VSWR
0
10
20
30
40
50
60
70
80
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
SXLP-29+
INSERTION LOSS (Full band)
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
FREQUENCY (MHz)
SXLP-29+
GROUP DELAY
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-29
—
0.5
1.2
dB
Freq. Cut-Off
F2
32.5
—
3.0
—
dB
VSWR
DC-F1
DC-29
—
1.3
—
:1
Stop Band
Rejection Loss
F3
38
20
30
—
dB
F4-F5
42-400
40
55
—
dB
F5-F6
400-2500
—
30
—
dB
VSWR
F3-F6
38-2500
—
20
—
:1
RF IN
RF OUT
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(ns)
1.0
0.04
1.04
1.0
19.48
5.0
0.09
1.21
2.0
19.45
29.0
0.48
1.19
4.0
19.40
32.5
2.06
2.49
6.0
19.50
33.0
3.26
3.68
8.0
19.79
35.0
12.26
19.42
10.0
20.24
36.5
20.44
41.23
12.0
21.00
38.0
28.84
62.34
14.0
22.01
38.5
31.77
68.81
16.0
23.30
40.0
41.33
86.62
18.0
24.87
42.0
60.53
107.95
20.0
26.73
50.0
60.00
173.40
21.0
27.86
100.0
55.82
203.24
22.0
29.14
250.0
78.99
123.88
23.0
30.67
400.0
55.85
101.08
24.0
32.53
755.0
58.70
82.51
25.0
34.77
1005.0
37.43
84.93
26.0
37.51
1500.0
35.79
73.94
27.0
40.88
2000.0
31.85
37.71
28.0
45.19
2500.0
31.41
23.93
29.0
51.05
F1 F2 F3
FREQUENCY (MHz)
F4
F6
DC
F5
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com