Electronic Components Datasheet Search
  English  ▼

X  

LT3055 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3055
Description  500mA, Linear Regulator with Precision Current Limit and Diagnostics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3055 Datasheet(HTML) 2 Page - Linear Technology

  LT3055 Datasheet HTML 1Page - Linear Technology LT3055 Datasheet HTML 2Page - Linear Technology LT3055 Datasheet HTML 3Page - Linear Technology LT3055 Datasheet HTML 4Page - Linear Technology LT3055 Datasheet HTML 5Page - Linear Technology LT3055 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1865af
DEMO MANUAL DC1865A
Quick start proceDure
DC1865A is easy to set up to evaluate the performance
of the LT3055. Refer to Figure 1 for proper measurement
equipment setup and follow the procedure below:
NOTE:Makesurethattheinputvoltagedoesnotexceed45V.
NOTE: The shutdown jumper JP8 shunt is required to be
placed in the OFF or ON position for proper operation.
NOTE: Place the output voltage selection jumper JP1-JP7
at the desired position.
NOTE: Do not hot-plug the input voltage terminal VIN. The
absolutemaximumvoltageonVINis50Vandhot-plugging
a power supply through wire leads to the demonstration
circuit can cause the voltage on the extremely low-ESR
ceramic input capacitor to ring to twice its DC value. In
order to protect the IC, a higher ESR Aluminum Electro-
lytic capacitor is placed at the input terminals. This may
protect against some, but not all, input transients due to
hot-plugging with a power supply. See Application Note
88 for more details.
NOTE: Connect the power supply (with power off), load,
and meters as shown in Figure 1.
1. After all connections are made, turn on input power and
verify that the output voltage according to the output
voltageselectionjumper(JP1-JP7).Iftheoutputvoltage
is different from the above values, use the USER option
and install R7. Select R7 according to the following
equation:
R7 = (VOUT/0.6 – 1) • 60.4k
NOTE: If the output voltage is too low, temporarily
disconnect the load to make sure that the load is not
set too high.
2. Once the proper output voltage is established, adjust
the load within the operating range and observe the
output voltage regulation, FAULT1, FAULT2, PWRGD
and other parameters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com