Electronic Components Datasheet Search
  English  ▼

X  

LT3081 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3081
Description  1.5A Single Resistor Rugged Linear Regulator with Monitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3081 Datasheet(HTML) 3 Page - Linear Technology

  LT3081 Datasheet HTML 1Page - Linear Technology LT3081 Datasheet HTML 2Page - Linear Technology LT3081 Datasheet HTML 3Page - Linear Technology LT3081 Datasheet HTML 4Page - Linear Technology LT3081 Datasheet HTML 5Page - Linear Technology LT3081 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc1870af
DEMO MANUAL DC1870A
thermal image
Anexamplethermalimageshowsthetemperaturedistribu-
tion on the PC board. The test is done in still air at room
temperature with 2.3W power dissipation in the LT3081
Figure 3. Temperature Rise at 2.3W Dissipation
IC.ThisgivesanICjunction-to-ambientthermalresistance
of θJA = 16°C/W on the demo board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com