Electronic Components Datasheet Search
  English  ▼

X  

LT3090 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3090
Description  ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3090 Datasheet(HTML) 1 Page - Linear Technology

  LT3090 Datasheet HTML 1Page - Linear Technology LT3090 Datasheet HTML 2Page - Linear Technology LT3090 Datasheet HTML 3Page - Linear Technology LT3090 Datasheet HTML 4Page - Linear Technology LT3090 Datasheet HTML 5Page - Linear Technology LT3090 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc1948af
DEMO MANUAL DC1948A
Description
LT3090
–36V, 600mA Negative Linear Regulator
with Programmable Current Limit
Demonstration circuit 1948A is a 600mA low dropout
negativelinearregulatorfeaturingtheLT®3090.Thisdevice
isdesignedforapplicationsrequiringnegativeoutputvolt-
age, high current with no heat sink, output adjustability to
zero and low dropout voltage.
The LT3090 features fast transient response, high PSRR
and low output noise. The LT3090 supplies 600mA at a
typicaldropoutvoltageof300mV.Operatingquiescentcur-
rent is nominally 1mA and drops to << 1μA in shutdown.
A single resistor adjusts the LT3090’s precision program-
mable current limit. The LT3090’s positive or negative
current monitor either sources a current (0.5mA/A) or
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
performance summary
sinks a current (1mA/A) proportional to output current.
Built-in protection includes reverse output protection,
internal current limit with foldback and thermal shutdown
with hysteresis.
The LT3090 is offered in a 10 pin DFN package and a
16-lead MSOP package.
The LT3090 data sheet gives a complete description of
thedevice,operationandapplicationinformation.Thedata
sheet should be read in conjunction with this quick start
guide for working on or modifying the demo circuit 1948A.
Design files for this circuit board are available at
http://www.linear.com/demo/DC1948A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
VOUT = 1.2V, IOUT1 = 1mA
–36
–1.5
V
VOUT
Output Voltage
Shunt at 1, 2 for JP1
–1.286
–1.25
–1.213
V
Shunt at 3, 4 for JP1
–2.575
–2.5
–2.425
V
Shunt at 5, 6 for JP1
–5.15
–5
–4.85
V
Shunt at 7, 8 for JP1
–12.36
–12
–11.64
V
Shunt at 9, 10 for JP1
–15.45
–15
–14.55
V
Shunt at 11, 12 for JP1 and R10 Stuffed as 357kΩ
–18.54
–18
–17.46
V
IOUT
Output Current
R1 = 10k, (Note 1)
600
mA
Note 1. This is for the typical condition when VIN – VOUT < 5V. Current limit varies with different values of VIN – VOUT. Refer to the LT3090 data sheet
for details.


Similar Part No. - LT3090

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3090 LINER-LT3090 Datasheet
251Kb / 18P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
600mA Negative Linear Regulator with Programmable Current Limit
More results

Similar Description - LT3090

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
Negative Regulator with Adjustable Current Limit
logo
Texas Instruments
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
Negative Regulator with Adjustable Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
600mA Negative Linear Regulator with Programmable Current Limit
logo
Texas Instruments
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Linear Technology
LT3091EDE LINER-LT3091EDE Datasheet
536Kb / 8P
??6V, 1.5A Negative Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com