Electronic Components Datasheet Search
  English  ▼

X  

LT3745 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3745
Description  16-Channel LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3745 Datasheet(HTML) 2 Page - Linear Technology

  LT3745 Datasheet HTML 1Page - Linear Technology LT3745 Datasheet HTML 2Page - Linear Technology LT3745 Datasheet HTML 3Page - Linear Technology LT3745 Datasheet HTML 4Page - Linear Technology LT3745 Datasheet HTML 5Page - Linear Technology LT3745 Datasheet HTML 6Page - Linear Technology LT3745 Datasheet HTML 7Page - Linear Technology LT3745 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1608af
DEMO MANUAL DC1608A
qUick stArt proceDUre
Demonstration circuit 1608A is easy to set up to evalu-
ate the performance of the LT3745. Refer to Figure 1 for
proper measurement equipment setup and follow the
procedure below:
1. Install the QuikEval™ System software on the host
computer. The software can be downloaded from http://
www.linear.com/designtools/software/quick_eval.jsp
2. Install Microsoft .NET framework. The software can be
downloaded from http://www.microsoft.com/NET/
3. Copy LT3745Release folder to the host computer. Run
vcredist_x86.exe.Youmayneedtorestartthecomputer.
4. Place jumpers in the following positions:
JP1 On
JP2 TO PWMCK
5. Connect the demo board to DC590B as shown in
Figure 1.
6. With power off, connect the input power supply to VIN
and GND.
7. Apply 9V to 40V to DC1608A input.
8. Run LTcolorLEDarray.exe in the LT3745Release folder.
9. The initial start-up screen appears, at this point, none of
theLEDsshouldlightup.Proceedwithboardevaluation.
Figure 1. Proper Measurement Equipment Setup



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com