Electronic Components Datasheet Search
  English  ▼

X  

TSL0709S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TSL0709S
Description  Inductors For Power Line Radial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL0709S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TSL0709S Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL0709S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• All specifications are subject to change without notice.
(2/2)
001-01 / 20011025 / e532_tsl1315.fm
Inductors
TSL Series TSL1315 Type
For Power Line
Radial
SHAPES AND DIMENSIONS
ELECTRICAL CHARACTERISTICS
∗ Rated current: Value obtained when current flows and the temperature has risen to 25°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
7.5
±0.5
ø0.8
±0.05
Weight: 7.5g
Dimensions in mm
Inductance
(µH)
Inductance
tolerance
Q min.
Test
frequency
L/Q (Hz)
Self-resonant
frequency
(MHz)min.
DC
resistance
(
Ω)max.
Rated current (A)∗max.
Part No.
Based on inductance
change
Based on
temperature rise
10
±10%
90
1k/2.52M
19
0.023
12
5.1
TSL1315-100K5R1
15
±10%
90
1k/2.52M
12
0.028
9.5
4.5
TSL1315-150K4R5
22
±10%
80
1k/2.52M
7.6
0.035
8.2
4.2
TSL1315-220K4R2
33
±10%
70
1k/2.52M
6.9
0.043
6.8
3.7
TSL1315-330K3R7
47
±10%
50
1k/2.52M
5.6
0.052
5.7
3.4
TSL1315-470K3R4
68
±10%
40
1k/2.52M
4.4
0.068
4.8
3
TSL1315-680K3R0
100
±10%
50
1k/796k
3.3
0.097
3.9
2.5
TSL1315-101K2R5
150
±10%
50
1k/796k
2.6
0.14
3.2
2.1
TSL1315-151K2R1
220
±10%
40
1k/796k
2.2
0.2
2.7
1.7
TSL1315-221K1R7
330
±10%
30
1k/796k
1.8
0.3
2.1
1.4
TSL1315-331K1R4
470
±10%
30
1k/796k
1.5
0.43
1.8
1.1
TSL1315-471K1R1
680
±10%
30
1k/796k
1.2
0.61
1.5
0.99
TSL1315-681KR99
1000
±5%
30
1k/252k
1
1
1.2
0.78
TSL1315-102JR78
1500
±5%
40
1k/252k
0.83
1.3
1
0.68
TSL1315-152JR68
2200
±5%
40
1k/252k
0.7
2
0.83
0.55
TSL1315-222JR55
3300
±5%
40
1k/252k
0.6
3.1
0.69
0.44
TSL1315-332JR44
4700
±5%
40
1k/252k
0.43
4.4
0.58
0.37
TSL1315-472JR37
6800
±5%
30
1k/252k
0.38
6.5
0.46
0.3
TSL1315-682JR30
10000
±5%
70
1k/79.6k
0.3
10
0.4
0.24
TSL1315-103JR24
DC current(A)
0.01
0.1
0.3
0.03
3
110
10
5
100
1000
300
30
10000
3000
100000
30000
1000
µH
330
µH
220
µH
33
µH
47
µH
68
µH
10
µH
15
µH
22
µH
100
µH
150
µH
3300
µH
10000
µH
A
L=0.1H C=20000
µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com