Electronic Components Datasheet Search
  English  ▼

X  

LT3795 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3795
Description  110V LED Controller with Spread Spectrum Frequency Modulation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3795 Datasheet(HTML) 1 Page - Linear Technology

  LT3795 Datasheet HTML 1Page - Linear Technology LT3795 Datasheet HTML 2Page - Linear Technology LT3795 Datasheet HTML 3Page - Linear Technology LT3795 Datasheet HTML 4Page - Linear Technology LT3795 Datasheet HTML 5Page - Linear Technology LT3795 Datasheet HTML 6Page - Linear Technology LT3795 Datasheet HTML 7Page - Linear Technology LT3795 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc1827afa
DEMO MANUAL DC1827A
DESCRIPTION
LT3795
110V LED Controller with Spread
Spectrum Frequency Modulation
Demonstration Circuit 1827A features a 110V LED con-
troller with spread spectrum frequency modulation - the
LT®3795. Unlike most boosts, the circuit disconnects the
output to protect against shorts or other fault conditions
when the input voltage exceeds the output. The input volt-
age range for normal operation is from 8V to 60V. OVLO
becomes active for inputs above 63V and the maximum
input voltage is 110V. The LED current is 400mA and the
switchingfrequencyis250kHz.Theefficiencyis92%when
the input is 12V and the LED voltage is at 87V which is
the maximum LED voltage.
Spreadspectrumswitchingisavailabletosimplifyconduct-
ed emissions compliance. There is a 6.8nF capacitor from
the RAMP pin to ground to set the rate at which frequency
modulationoccurs,butresistorR20shortingtheRAMPpin
capacitor must be removed to activate spread spectrum.
OVLO and EN/UVLO are both set using resistor dividers.
EN/UVLO is set so the circuit will UVLO when the input
voltage falls below 6V and will turn on when the input
voltage rises above 7.5V.
Current sense resistors program LED current and input
regulation current and also determine the monitoring
voltages that indicate output and input current. The LED
current is set by RS2. ISMON provides a 2.5V/1A voltage
that is used to monitor the LED current. Input current
regulation occurs at 4A and is set by RS3. IVINCOMP
provides a 300mV/1A voltage that is used to monitor
the input current. Capacitor C11 on the IVINCOMP pin
provides compensation for the input current regulation
loop. CTRL1 and CTRL2 are analog dimming inputs that
allow external voltages to reduce the LED current from the
programmedmaximum.CTRL1andCTRL2arepulledupto
the VREF pin by 100k resistors. SHORTLED and OPENLED
are open-collector status flag outputs that are pulled up
to the INTVCC pin voltage.
The circuit requires application of an external voltage to
the PWM terminal for operation. The external voltage can
be a DC level or an appropriate pwm dimming signal. A
All registered trademarks and trademarks are the property of their respective owners.
common frequency for PWM dimming is 100Hz. The
high-side PMOS FET that is used for pwm dimming also
disconnects the output to protect against shorts.
Thesoft-startpin(SS)isconfiguredsothecircuitwillhiccup
when a fault occurs and will not latch off. The demo circuit
also supports the adjustment capability of the LT3795 for
switching frequency and feedback loop compensation.
The FB pin is programmed using a resistor divider to
limit the output voltage in case there is no LED string on
the output. When an open LED transient occurs either at
start up or because the LED string opens, the peak output
voltage may overshoot to 100V but FB will regulate the
settled output voltage to 95V.
Thedemocircuitusesceramicinputandoutputcapacitors.
An aluminum electrolytic capacitor can be easily added to
the input if it is necessary for stability during conducted
emissions testing. The 120V switching MOSFET allows
110V on the input. FB programming inhibits switching at
high output voltages so the 100V rating of the rectifier is
not exceeded.
The demo circuit is designed to be easily reconfigured
to buck mode, buck-boost mode and SEPIC topologies.
There are example schematics in the data sheet. Consult
the factory for assistance.
Maximum input and output voltages of 110V, spread
spectrum switching, fault protection and full monitoring
make the LT3795 attractive for high voltage and high
power LED circuits, battery chargers and voltage regula-
tors that require an accurate current limit. DC1827A uses
the LT3795EFE which is packaged in a thermally enhanced
28-lead TSSOP. The LT3795 data sheet must be read in
conjunction with this demo manual to properly use or
modify DC1827A.
Design files for this circuit board are available at
http://www.linear.com/demo/DC1827A


Similar Part No. - LT3795

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
Linear Integrated Syste...
LT3795 LINEAR-LT3795 Datasheet
2Mb / 30P
36V, 2A Synchronous Step-Up LED Driver
logo
Linear Technology
LT3795 LINER-LT3795 Datasheet
352Kb / 26P
38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LT3795 LINER-LT3795 Datasheet
589Kb / 30P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
Analog Devices
LT3795 AD-LT3795 Datasheet
2Mb / 32P
60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
10/20-REV.A
More results

Similar Description - LT3795

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
logo
AMI SEMICONDUCTOR
AMIS-50050 AMI-AMIS-50050 Datasheet
362Kb / 10P
Spread Spectrum Baseband Controller
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
LT3795 LINER-LT3795_15 Datasheet
589Kb / 30P
110V LED Controller with Spread Spectrum Frequency Modulation
logo
Texas Instruments
TPS92692 TI1-TPS92692 Datasheet
1Mb / 55P
High Accuracy LED Controller With Spread Spectrum Frequency Modulation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com