Electronic Components Datasheet Search
  English  ▼

X  

LT3796 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3796
Description  100V LED Controller with Current Monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3796 Datasheet(HTML) 2 Page - Linear Technology

  LT3796 Datasheet HTML 1Page - Linear Technology LT3796 Datasheet HTML 2Page - Linear Technology LT3796 Datasheet HTML 3Page - Linear Technology LT3796 Datasheet HTML 4Page - Linear Technology LT3796 Datasheet HTML 5Page - Linear Technology LT3796 Datasheet HTML 6Page - Linear Technology LT3796 Datasheet HTML 7Page - Linear Technology LT3796 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1706af
DEMO MANUAL DC1706A
QUICK START PROCEDURE
DC1706A is easy to set up to evaluate the performance of
the LT3796. Follow the procedure below:
NOTE: PWM must be pulled high to run. If PWM is not
used, connect PWM to a 3.3V or 5V source or to VREF on
the PCB using 0Ω resistor R24.
1. Connect a string of LEDs that will run with forward volt-
age less than 85V, but greater than PVIN, to the LED+
and GND terminals on the PCB as shown in Figure 1.
2. Connect the EN/UVLO terminal to GND.
3. With power off, connect the input power supply to the
PVIN and GND terminals. Make sure that the PVIN DC
input voltage will not exceed 100V (or VLED).
4. Connect the PWM terminal. If PWM is not used, connect
PWM to a 3.3V or 5V source or to VREF on the PCB us-
ing 0Ω resistor R24. PWM must be pulled high to run.
5. Turn the input power supply on and make sure the
voltage is between 8V and VLED.
6. Release the EN/UVLO-to-GND connection.
7. Observe the LED string running at the programmed
LED current.
8. Observe the CSOUT and ISMON input and output cur-
rent monitor voltages.
9. For PWM dimming, connect a PWM (100Hz or higher is
recommended) signal to the PWM terminal. For analog
dimming, connect a DC voltage between 0V and 2V to
the CTRL terminal.
10. Observe the reduction of brightness in the LED string
when PWM or analog dimming.
PERFORMANCE SUMMARY (T
A = 25°C)
PARAMETER
CONDITIONS
UNITS
Input Voltage PVIN Range
Operating
7.5V to VLED
Switching Frequency
R18 = 26.1k
300kHz
ILED
RS2 = 0.62Ω, 9V < PVIN < VLED
400mA
Low PVIN ILED (CTRL Foldback)
RS2 = 0.62Ω, PVIN = 8V
350mA
VLED Range
R5 = 1M, R9 = 13.7k
PVIN < VLED < 85V
Open LED Voltage
R5 = 1M, R9 = 13.7k
92.5V
Typical Efficiency
PVIN = 14V, VLED = 85V, ILED = 400mA
93%
Under Voltage Lockout (Falling Turn-Off)
R1 = 499k and R8 = 100k
7.5V
Under Voltage Lockout (Rising Turn-On)
R1 = 499k and R8 = 100k
8.7V
VINTVCC
Operating
7.7V
Peak Switch Current Limit
RS3 = 0.015Ω
6.6A
Suggested Maximum PWM Dimming Ratio
fPWM = 100Hz, PVIN=12V, VLED = 85V, ILED = 400mA
100:1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com