Electronic Components Datasheet Search
  English  ▼

X  

LT3905 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3905
Description  Boost DC/DC Converter with APD Current Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3905 Datasheet(HTML) 2 Page - Linear Technology

  LT3905 Datasheet HTML 1Page - Linear Technology LT3905 Datasheet HTML 2Page - Linear Technology LT3905 Datasheet HTML 3Page - Linear Technology LT3905 Datasheet HTML 4Page - Linear Technology LT3905 Datasheet HTML 5Page - Linear Technology LT3905 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1956afa
DEMO MANUAL DC1956A
Quick start proceDure
Demonstration circuit 1956 is easy to set up to evaluate
the performance of the LT3905. Refer to Figure 2 for
proper measurement equipment setup and follow the
procedure below:
NOTE. When measuring the output voltage ripple, connect
a BNC cable from the oscilloscope to J1. Make sure there
are no other cables connected to the APD node.
1. Place jumpers in the following positions:
JP1: Run
JP2: 1MHz
2. With power off, connect the input power supply to VIN
and GND.
3. Turn on the power at the input.
NOTE: Make sure that the input voltage does not exceed
16V.
4. Connect a 50K resistor from APD to GND and check for
the proper output voltage. VOUT = APD = 48V to 52V.
NOTE: If there is no output, temporarily disconnect the
load to make sure that the load is not set too high.
5. Once the proper output voltages are established, adjust
the loads within the operating range and observe the
output voltage regulation, ripple voltage, efficiency and
other parameters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com