Electronic Components Datasheet Search
  English  ▼

X  

LT4321 Datasheet(PDF) 4 Page - Linear Technology

Part # LT4321
Description  PoE PD with Synchronous Flyback and Ideal Diode Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4321 Datasheet(HTML) 4 Page - Linear Technology

  LT4321 Datasheet HTML 1Page - Linear Technology LT4321 Datasheet HTML 2Page - Linear Technology LT4321 Datasheet HTML 3Page - Linear Technology LT4321 Datasheet HTML 4Page - Linear Technology LT4321 Datasheet HTML 5Page - Linear Technology LT4321 Datasheet HTML 6Page - Linear Technology LT4321 Datasheet HTML 7Page - Linear Technology LT4321 Datasheet HTML 8Page - Linear Technology LT4321 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
dc2046aaf
DEMO MANUAL DC2046A-A
Quick start proceDure
Demonstration circuit 2046A-A is easy to set up to evalu-
ate the performance of the LT4276 in a PoE+ application.
Refer to Figure 8 for proper equipment setup and follow
the procedure below:
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the output voltage ripple by
touching the probe tip and probe ground directly across
the +VOUT and –VOUT terminals. See Figure 9 for proper
scope probe technique.
1. Place test equipment (voltmeter, ammeter, power sup-
plies, and electronic load) as shown in Figure 8.
2. Input supplies:
a. Connect a PoE+ capable PSE with a CAT-5 cable to
the RJ45 connector, J1. See Figure 8.
b.Or,connecta37Vto57Vcapablepowersupply(power
supply in Figure 8) across VPORTP and VPORTN.
c. If evaluating the auxiliary power supply (auxiliary
supply in Figure 8), connect a 37V to 57V capable
power supply across AUX+ to AUX–.
3. Check for the proper output voltage of 3.3V.
4. Once the proper output voltage is confirmed, adjust the
load within the operating range and observe the output
voltage regulation, ripple voltage, efficiency, and other
parameters.
Figure 8. Proper Measurement Equipment Setup
Figure 9. Measurement Input or Output Ripple
Power
Supply
DC1366A
PoE+ PSE
Auxiliary
Supply
Electronic
Load
Scope
Probe
V
V
V
A
A
+
A
-
-
+
+
-
+
+
-
+
-
+
-
+
J1
Ethernet
Cable
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com