Electronic Components Datasheet Search
  English  ▼

X  

LT8610AB Datasheet(PDF) 1 Page - Linear Technology

Part # LT8610AB
Description  42V, 3.5A Micropower Synchronous Step-Down Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AB Datasheet(HTML) 1 Page - Linear Technology

  LT8610AB Datasheet HTML 1Page - Linear Technology LT8610AB Datasheet HTML 2Page - Linear Technology LT8610AB Datasheet HTML 3Page - Linear Technology LT8610AB Datasheet HTML 4Page - Linear Technology LT8610AB Datasheet HTML 5Page - Linear Technology LT8610AB Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2012af
DEMO MANUAL DC2012A
Description
LT8610AB
42V, 3.5A Micropower Synchronous
Step-Down Regulator
Demonstration circuit 2012A is a 42V, 3.5A micro-
power synchronous step-down regulator featuring the
LT®8610AB. The LT8610AB is a compact, high efficiency,
high speed synchronous monolithic step-down switching
regulator that consumes only 2.5µA of quiescent current
when output is regulated at 5V. The efficiency of the circuit
is greater than 90% at light load up to 1.5A. This is a 10%
improvementovercompetingparts.Topandbottompower
switches,compensationcomponentsandothernecessary
circuits are inside of the LT8610AB to minimize external
components and simplify design.
The SYNC pin on the demo board is grounded by default
for low ripple burst mode operation. To synchronous to an
external clock, move JP1 to SYNC and apply the external
clock to the SYNC turret. Once JP1 is on SYNC position,
a DC voltage of higher than 2V or INTVCC can be applied
to the SYNC turret for pulse-skipping operation. Figure 1
shows the efficiency of the circuit at 12V input.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
performance summary
Figure 2 shows the thermal performance of the circuit.
When running at input voltage greater than 30V, 3.5A
output current and 2MHz switching frequency, the tem-
perature rise will be significant. Either reducing the input
voltage, the output current or the switching frequency will
bring the temperature down to acceptable level without
external cooling.
The demo board has an EMI filter installed. The board
and the IC are designed to minimize conducted and radi-
ated EMI. The conducted EMI performance of the board
is shown on Figure 3. The limit in Figure 3 is EN55022
class B, average. It shows the circuit passes the test with
a wide margin.
The LT8610AB data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this quick start
guide for DC2012A.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2012A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN*
Input Supply Range
5.5
42
V
VOUT
Output Voltage
4.8
5
5.2
V
IOUT
Maximum Output Current
3.5
A
fSW
Switching Frequency
1.85
2
2.15
MHz
EFE
Efficiency at DC
IOUT = 1A
91
%
* Refer to Figure 2 to determine the maximum input voltage. If IC temperature exceeds target, reduce input voltage, output current or switching
frequency.


Similar Part No. - LT8610AB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610AB LINER-LT8610AB Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8610AB AD-LT8610AB Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
logo
Linear Technology
LT8610AB LINER-LT8610AB Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
logo
Analog Devices
LT8610AB AD-LT8610AB Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
LT8610AB AD-LT8610AB Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
More results

Similar Description - LT8610AB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8612 LINER-LT8612 Datasheet
225Kb / 6P
42V, 6A Micropower Synchronous Step-Down Regulator
LT8606 LINER-LT8606 Datasheet
362Kb / 8P
42V, 0.35A Micropower Synchronous Step-Down Regulator
LT8607 LINER-LT8607 Datasheet
209Kb / 6P
42V, 0.75A Micropower Synchronous Step-Down Regulator
LT8609 LINER-LT8609 Datasheet
622Kb / 8P
42V, 2A Micropower Synchronous Step-Down Regulator
LT8610AX LINER-LT8610AX Datasheet
517Kb / 6P
42V, 3.5A Synchronous Step-Down Regulator with Operation to 175째C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com