Electronic Components Datasheet Search
  English  ▼

X  

LT8614 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8614
Description  42V, 4A Micropower Synchronous Step-Down Silent Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8614 Datasheet(HTML) 1 Page - Linear Technology

  LT8614 Datasheet HTML 1Page - Linear Technology LT8614 Datasheet HTML 2Page - Linear Technology LT8614 Datasheet HTML 3Page - Linear Technology LT8614 Datasheet HTML 4Page - Linear Technology LT8614 Datasheet HTML 5Page - Linear Technology LT8614 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2019bfb
DEMO MANUAL DC2019B
DESCRIPTION
LT8614
42V, 4A Micropower
Synchronous Step-Down
Silent Switcher
Demonstration circuit 2019B is a 42V, 4A micropower
synchronous step-down Silent Switcher™ featuring the
LT®8614. The demo board is designed for 5V output
from a 5.8V to 42V input. The wide input range allows a
variety of input sources, such as automotive batteries and
industrial supplies. The LT8614 is a compact, ultralow
emission, high efficiency and high speed synchronous
monolithic step-down switching regulator. The integrated
power switches and inclusion of all necessary circuitry
reduce the components count and solution size. Special
Silent Switcher architecture minimizes EMI/EMC emis-
sions. Ultralow 2.5µA quiescent current in Burst Mode®
operation achieves high efficiency at very light loads. Fast
minimum on-time of 30ns enables high VIN to low VOUT
conversion at high frequency.
TheLT8614switchingfrequencycanbeprogrammedeither
via oscillator resistor or external clock over a 200kHz to
3MHzrange.TheSYNCpinonthedemoboardisgrounded
by default for low ripple Burst Mode operation. To syn-
chronize to an external clock, move JP1 to SYNC and
apply the external clock to the SYNC turret. Once JP1 is
on SYNC position, a DC voltage of higher than 3V can be
applied to the SYNC turret for pulse-skipping operation.
Figure 1 shows the efficiency of the circuit at 12V input in
Burst Mode operation (input from VIN turret pin). Figure 2
L
, LT, LTC, LTM, Linear Technology, Burst Mode and the Linear logo are registered trademarks
and Silent Switcher is a trademark of Linear Technology Corporation. All other trademarks are
the property of their respective owners.
PERFORMANCE SUMMARY
shows the LT8614 temperature rising on DC2019B demo
boardunderdifferentloadconditions.Theratedmaximum
load current is 4A, while derating is necessary for certain
VIN and thermal conditions.
ThedemoboardhasanEMIfilterinstalled.TheEMIperfor-
mance of the board (with EMI filter) is shown in Figure 3.
The red line in Figure 3 is CISPR25 Class 5 peak limit.
The figure shows that the circuit passes the test with a
wide margin. To achieve EMI/EMC performance as shown
in Figure 3, the input EMI filter is required and the input
voltage should be applied at VEMI turret pin.
The LT8614 data sheet gives a complete description of the
part,operationandapplicationinformation.Thedatasheet
must be read in conjunction with this demo manual for
demo circuit 2019B. The LT8614 is assembled in a 3mm
× 4mm plastic QFN package with exposed pads for low
thermalresistance.Properboardlayoutisessentialforboth
low EMI operation and maximum thermal performance.
See the data sheet sections, “Low EMI PCB Layout” and
“High Temperature Considerations.”
Design files for this circuit board are available at
http://www.linear.com/demo/DC2019B
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
5.8
42
V
VOUT
Output Voltage
4.85
5
5.15
V
IOUT
Maximum Output Current
Derating is Necessary for Certain VIN and
Thermal Conditions
4
A
fSW
Switching Frequency
1.85
2
2.15
MHz
EFE
Efficiency at DC
VIN = 12V, IOUT = 3A
91.3
%


Similar Part No. - LT8614

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LT8614 LINER-LT8614 Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8614 AD-LT8614 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LT8614 AD-LT8614 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
More results

Similar Description - LT8614

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LT8650S LINER-LT8650S Datasheet
394Kb / 6P
Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2關A Quiescent Current
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LT8638S AD-LT8638S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT3935 AD-LT3935 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
LT8638-2 AD-LT8638-2 Datasheet
984Kb / 35P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
Rev.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com