Electronic Components Datasheet Search
  English  ▼

X  

LTC2123 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2123
Description  14-Bit, 250Msps to 170Msps Dual ADCs with JESD204B Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2123 Datasheet(HTML) 2 Page - Linear Technology

  LTC2123 Datasheet HTML 1Page - Linear Technology LTC2123 Datasheet HTML 2Page - Linear Technology LTC2123 Datasheet HTML 3Page - Linear Technology LTC2123 Datasheet HTML 4Page - Linear Technology LTC2123 Datasheet HTML 5Page - Linear Technology LTC2123 Datasheet HTML 6Page - Linear Technology LTC2123 Datasheet HTML 7Page - Linear Technology LTC2123 Datasheet HTML 8Page - Linear Technology LTC2123 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
dc1974fa
DEMO MANUAL DC1974
QUICK START PROCEDURE
Figure 1. DC1974 Setup
Demonstrationcircuit1974iseasytosetuptoevaluatethe
performance of the LTC2123 A/D converter family. Refer
to Figure 1 for proper measurement equipment setup and
follow the procedure below:
SETUP
TheDC1974evaluationsystemusesstandard,offtheshelf
FPGA evaluation boards for data capture and communi-
cation with the host computer. Follow the instructions in
Appendix A for the Xilinx KC705 based system. Verilog
code may be downloaded from the respective ADC landing
page. www.linear.com/LTC2123
CHANNEL 1
SINGLE-ENDED
ANALOG INPUT
OPTIONAL FPGA
REFERENCE
CLOCK INPUT
OPTIONAL FPGA
REFERENCE
SIGNAL INPUT
OPTIONAL SYS_REF
INPUT FOR ADC
(SUB CLASS 1 ONLY)
SINGLE-ENDED DEVICE
CLOCK INPUT
OPTIONAL SYS_REF
INPUT FOR FPGA
(SUB CLASS 1 ONLY)
JUMPERS SHOWN IN THEIR
DEFAULT POSITIONS
4V TO 6V
dc1974 F01
THE DC1974 CONNECTS TO
KC705 VIA AN FMC CONNECTOR
CHANNEL 2
SINGLE-ENDED
ANALOG INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com