Electronic Components Datasheet Search
  English  ▼

X  

LTC2312 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2312
Description  12-Bit/14-Bit, 5Msps/4.5Msps/ 2.5Msps/500ksps/Serial, High Speed SAR ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2312 Datasheet(HTML) 2 Page - Linear Technology

  LTC2312 Datasheet HTML 1Page - Linear Technology LTC2312 Datasheet HTML 2Page - Linear Technology LTC2312 Datasheet HTML 3Page - Linear Technology LTC2312 Datasheet HTML 4Page - Linear Technology LTC2312 Datasheet HTML 5Page - Linear Technology LTC2312 Datasheet HTML 6Page - Linear Technology LTC2312 Datasheet HTML 7Page - Linear Technology LTC2312 Datasheet HTML 8Page - Linear Technology LTC2312 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
dc1563af
DEMO MANUAL DC1563A
DC718 QUICK START PROCEDURE
DC590B QUICK START PROCEDURE
Table 1. DC1563A Assembly Options
VERSION
U1 PART NUMBER
MAX CONVERSION RATE
# OF BITS
MAX CLOCK FREQUENCY
DC1563A-A
LTC2315CTS8-12
5Msps
12
90MHz
DC1563A-B
LTC2313CTS8-12
2.5Msps
12
82.5MHz
DC1563A-C
LTC2312CTS8-12
500ksps
12
16.5MHz
DC1563A-F
LTC2314CTS8-14
4.5Msps
14
90MHz
DC1563A-G
LTC2313CTS8-14
2.5Msps
14
100MHz
DC1563A-H
LTC2312CTS8-14
500ksps
14
20MHz
DESCRIPTION
Connect the DC1563A to a DC718 USB high speed data
collection board using connector J2. Connect the DC718
to a host PC with a standard USB A/B cable. Apply 9V to
10V DC to the 9V to 10V and GND terminals. Apply a low
jitter signal source to J4. As a clock source, apply a low
jitter 10dBm sine wave or square wave to connector J1.
See Table 1 for maximum clock frequencies. Note that J1
has a 50Ω termination resistor to ground. Run the PScope
software (Pscope.exe version K73 or later) supplied with
the DC718 or download it from www.linear.com/software.
Complete software documentation is available from the
Help menu. Updates can be downloaded from the Tools
menu. Check for updates periodically as new features
may be added. The PScope software should recognize the
DC1563A and configure itself automatically.
Click the Collect button (Figures 2 and 3) to begin acquir-
ing data. The Collect button then changes to Pause, which
can be used to stop data acquisition.
Connect the DC1563A to a DC590 USB serial controller
using the supplied 14-conductor ribbon cable. Make sure
thatVCCIOoftheDC590issetto3.3V.ConnecttheDC590
to a host PC with a standard USB A/B cable. Apply a signal
source to J4. Run the QuikEval software supplied with the
DC590 or download it from www.linear.com/software. The
correctcontrolpanelwillbeloadedautomatically.Clickthe
Collect (Figures 4 and 5) button to begin gathering data
from the ADC. Make sure the reference voltage selected
in the QuikEval control panel matches the VDD and VCM
settings on the DC1563A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com