Electronic Components Datasheet Search
  English  ▼

X  

LTC6992-4 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6992-4
Description  TimerBlox: Oscillators, One Shots, PWM, Delay, Power on Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6992-4 Datasheet(HTML) 2 Page - Linear Technology

  LTC6992-4 Datasheet HTML 1Page - Linear Technology LTC6992-4 Datasheet HTML 2Page - Linear Technology LTC6992-4 Datasheet HTML 3Page - Linear Technology LTC6992-4 Datasheet HTML 4Page - Linear Technology LTC6992-4 Datasheet HTML 5Page - Linear Technology LTC6992-4 Datasheet HTML 6Page - Linear Technology LTC6992-4 Datasheet HTML 7Page - Linear Technology LTC6992-4 Datasheet HTML 8Page - Linear Technology LTC6992-4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
dc1562bfa
DEMO MANUAL DC1562B
Using the Demo BoarD
Table 1. Standard Configuration for Each Version
DEMO BOARD
NUMBER
LTC PART NUMBER
PART MARKING FUNCTION
CONFIGURED FUNCTION
DC1562B-A
LTC6990
LTDWW
HF OSC
1kHz to 10kHz Voltage Controlled Oscillator
DC1562B-B
LTC6991
LTDWY
LF OSC
1Hz (1Sec) Fixed Frequency Oscillator
DC1562B-C
LTC6992-1
LTDXB
PWM
10kHz 0% to 100% Duty Cycle PWM
DC1562B-D
LTC6992-2
LTDXD
PWM
10kHz 5% to 95% Duty Cycle PWM
DC1562B-E
LTC6992-3
LTFCQ
PWM
10kHz 0% to 95% Duty Cycle PWM
DC1562B-F
LTC6992-4
LTFCS
PWM
10kHz 5% to 100% Duty Cycle PWM
DC1562B-G
LTC6993-1
LTDXG
One-Shot
RET* 100ms Positive Output Pulse
DC1562B-H
LTC6993-2
LTDXJ
One-Shot
RET* Retriggerable 100ms Positive Output Pulse
DC1562B-I
LTC6993-3
LTFMH
One-Shot
FET** Positive 100ms Output Pulse
DC1562B-J
LTC6993-4
LTFMK
One-Shot
FET** Retriggerable 100ms Positive Output Pulse
DC1562B-K
LTC6994-1
LTFCV
Delay
Output Falling Edge Delayed 100ms from Input Falling Edge
DC1562B-L
LTC6994-2
LTFCX
Delay
Output Rise/Fall Edges Delayed 100ms from Input Rise/Fall Edges
DC1562B-M
LTC6995-1
LTGJN
POR
1sec Power on Reset
DC1562B-N
LTC6995-2
LTGJQ
POR
1sec Power on Reset
* Rising Edge Triggered
** Falling Edge Triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com